Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N51032DTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N51032DTR2G
Description  Dual HCSL/LVDS Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N51032DTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N51032DTR2G Datasheet HTML 1Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 2Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 3Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 4Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 5Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 6Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 7Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 8Page - ON Semiconductor NB3N51032DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NB3N51032
http://onsemi.com
5
Table 7. AC CHARACTERISTICS (VDD = 3.3 V ±5%, GND = 0 V, TA = −40°C to +85°C; Note 9)
Symbol
Characteristic
Min
Typ
Max
Unit
fCLKIN
Clock/Crystal Input Frequency
25
MHz
fCLKOUT
Output Clock Frequency
25
200
MHz
FNOISE
Phase−Noise Performance
fCLKOUT = 100 Mhz
@ 100 Hz offset from carrier
@ 1 kHz offset from carrier
@ 10 kHz offset from carrier
@ 100 kHz offset from carrier
@ 1 MHz offset from carrier
@ 10 MHz offset from carrier
−88
−118
−131
−132
−144
−155
dBc/Hz
tJITTER
Period Jitter Peak−to−Peak (Note 10)
fCLKOUT = 200 Mhz
Period Jitter RMS (Note 10)
fCLKOUT = 200 MHz
Cycle−Cycle RMS Jitter (Note 11)
fCLKOUT = 200 MHz
Cycle−to−Cycle Peak to Peak Jitter (Note 11)
fCLKOUT = 200 MHz
10
1.5
2.0
20
20
3.0
5.0
35
ps
tJIT(F)
Phase RMS Jitter, Integration Range 12 kHz to 20 MHz
0.5
ps
fMOD
Spread Spectrum Modulation Frequency
30
31.5
33.33
kHz
SSCRED
Spectral Reduction, fCLKOUT of 100 MHz with −0.5% spread, 3rd Harmonic
(Note 12)
−10
dB
tSKEW
Within Device Output to Output Skew
40
ps
Eppm
Frequency Synthesis Error, All Outputs
0
ppm
tSPREAD
Spread Spectruction Transition Time
(Stablization Time After Spread Spectrum Changes)
7
30
ms
tOE
Output Enable/Disable Time (Note 13)
10
ms
tDUTY_CYCLE
Output Clock Duty Cycle (Measured at cross point)
45
50
55
%
tR
Output Risetime (Measured from 175 mV to 525 mV, Figure 11)
175
700
ps
tF
Output Falltime (Measured from 525 mV to 175 mV, Figure 11)
175
700
ps
DtR
Output Risetime Variation (Single−Ended)
125
ps
DtF
Output Falltime Variation (Single−Ended)
125
ps
Stabilization
Time
Stabilization Time From Powerup VDD = 3.3 V
3.0
ms
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. VDDXD and VDDODA power pins must be shorted to power supply voltage VDD and GNDXD and GNDODA ground pins must be shorted
to power supply ground GND. Measurement taken from differential output on single−ended channel terminated with RS = 33.2 W, RL = 49.9
W, with test load capacitance of 2 pF and current biasing resistor set at 475 W. See Figure 9. Guaranteed by characterization.
10. Sampled with 10000 cycles.
11. Sampled with 1000 cycles.
12. Spread spectrum clocking enabled.
13. Output pins are tri−stated when OE is asserted LOW. Output pins are driven differentially when OE is HIGH.


Similar Part No. - NB3N51032DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032DTR2G ONSEMI-NB3N51032DTR2G Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
NB3N51032DTR2G ONSEMI-NB3N51032DTR2G Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
More results

Similar Description - NB3N51032DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032_16 Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
   Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
NB3N51054 ONSEMI-NB3N51054_18 Datasheet
164Kb / 15P
   Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com