Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT393ADR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT393ADR2
Description  Dual 4?묪it Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT393ADR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT393ADR2 Datasheet HTML 1Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 2Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 3Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 4Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 5Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 6Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 7Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 8Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74VHCT393A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Minimum High−Level
Input Voltage
3.0
4.5
5.5
1.2
2.0
2.0
1.2
2.0
2.0
1.2
2.0
2.0
V
VIL
Maximum Low−Level
Input Voltage
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = − 50 μA
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50 μA
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
± 0.1
± 1.0
± 1.0
μA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
2.0
40.0
40.0
μA
ICCT
Quiescent Supply
Current
Input: VIN = 3.4 V
5.5
1.35
1.50
1.50
mA
IOPD
Output Leakage
Current
VOUT = 5.5 V
0.0
0.5
5.0
5.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
Frequency (50%
Duty Cycle)
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
75
45
120
65
65
35
65
35
MHz
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
125
85
170
115
105
75
105
75
tPLH,
tPHL
Maximum
Propagation Delay,
CP to QA
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
8.6
11.1
13.2
16.7
1.0
1.0
15.5
19.0
1.0
1.0
15.5
19.0
ns
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.8
7.3
8.5
10.5
1.0
1.0
10.0
12.0
1.0
1.0
10.0
12.0
tPLH,
tPHL
Maximum
Propagation Delay,
CP to QB
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
10.2
12.7
15.8
19.3
1.0
1.0
18.5
22.0
1.0
1.0
18.5
22.0
ns
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
6.8
8.3
9.8
11.8
1.0
1.0
11.5
13.5
1.0
1.0
11.5
13.5
tPLH,
tPHL
Maximum
Propagation Delay,
CP to QC
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
11.7
14.2
18.0
21.5
1.0
1.0
21.0
24.5
1.0
1.0
21.0
24.5
ns
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
7.7
9.2
11.2
13.2
1.0
1.0
13.0
15.0
1.0
1.0
13.0
15.0
tPLH,
tPHL
Maximum
Propagation Delay,
CP to QD
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
13.0
15.5
19.7
23.2
1.0
1.0
23.0
26.5
1.0
1.0
23.0
26.5
ns
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
8.5
10.0
12.5
14.5
1.0
1.0
14.5
16.5
1.0
1.0
14.5
16.5


Similar Part No. - MC74VHCT393ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32AD ONSEMI-MC74VHCT32AD Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
More results

Similar Description - MC74VHCT393ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
ON Semiconductor
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com