Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG48S5UW2 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # RG48S5UW2
Description  4 - 1 Ultra Wide Input Voltage Range DIP and SMT Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RG48S5UW2 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  RG48S5UW2 Datasheet HTML 1Page - Wall Industries,Inc. RG48S5UW2 Datasheet HTML 2Page - Wall Industries,Inc. RG48S5UW2 Datasheet HTML 3Page - Wall Industries,Inc. RG48S5UW2 Datasheet HTML 4Page - Wall Industries,Inc. RG48S5UW2 Datasheet HTML 5Page - Wall Industries,Inc. RG48S5UW2 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. A
RGUW2 Series
Single & Dual Outputs
4:1 Input Voltage Range
2 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/21/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The RGUW2 series meets EN55022 Class A and input reflected ripple current with an external L-C filter before the input pins to the
converter. (See Class B figure for connecting network)
Recommended: 12Vin: C1=10µF/25V 1812 MLCC C3=220pF/3KV 1808 MLCC L1=2.2µH 0504 SMD Inductor P/N: PMT-059
24Vin: C1=6.8µF/50V 1812 MLCC C3=220pF/3KV 1808 MLCC L1=18µH 0504 SMD Inductor P/N: PMT-046
48Vin: C1=4.7µF/100V 1812 MLCC C3=220pF/3KV 1808 MLCC L1=18µH 0504 SMD Inductor P/N: PMT-046
7. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor suggested is
Nippon chemi-con KY series, 220μF /100V, ESR 48mΩ.
8. To order surface mount version, add the suffix “S” to the model number (Ex: RG24S5UW2S).
9. To order 3000VDC I/O isolation version, add the suffix “H” to the model number (Ex: RG24S5UW2H).
10. CAUTION: Internal fusing is not included so we suggest using an input line fuse.
REMOTE ON/OFF APPLICATION CIRCUITS
+Input
-Input
3mA current
Source
Ctrl
1K
DC-DC ON
+Input
-Input
3mA current
Source
Ctrl
1K
DC-DC OFF
CHARACTERISTICS
RG48S5UW2 Efficiency vs Input Voltage
RG48S5UW2 Efficiency vs Output Load
65
70
75
80
85
18
24
30
36
42
48
54
60
66
72
75
INPUT VOLTAGE(V)
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
100
% OF FULL LOAD


Similar Part No. - RG48S5UW2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RG48S5UW3 WALL-RG48S5UW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
More results

Similar Description - RG48S5UW2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RGW2 WALL-RGW2 Datasheet
252Kb / 6P
   2 - 1 Wide Input Voltage Range DIP and SMT Packages
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com