Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG24S3.3UW2 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # RG24S3.3UW2
Description  4 - 1 Ultra Wide Input Voltage Range DIP and SMT Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RG24S3.3UW2 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  RG24S3.3UW2 Datasheet HTML 1Page - Wall Industries,Inc. RG24S3.3UW2 Datasheet HTML 2Page - Wall Industries,Inc. RG24S3.3UW2 Datasheet HTML 3Page - Wall Industries,Inc. RG24S3.3UW2 Datasheet HTML 4Page - Wall Industries,Inc. RG24S3.3UW2 Datasheet HTML 5Page - Wall Industries,Inc. RG24S3.3UW2 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/21/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DATASHEET
Rev. A
RGUW2 SERIES
4:1 Ultra Wide Input Voltage Range
DIP and SMT Packages
Single and Dual Outputs
2 Watt DC/DC Power Converters
APPLICATIONS
 Wireless Networks
 Telecom / Datacom
 Industry Control Systems
 Measurement Equipment
 Semiconductor Equipment
OPTIONS
 3000VDC I/O Isolation (Suffix “H”)
 Surface Mount Package (Suffix “S”)
FEATURES
 2 Watts Maximum Output Power
 Single and Dual Outputs
 SMT & DIP Packages: 0.74 x 0.50 x 0.33 Inches
 Qualified for Lead Free Reflow Solder Process According to
IPC J-STD-020D
 4:1 Ultra Wide Input Voltage Range
 High Efficiency up to 83%
 1600VDC I/O Isolation (3000VDC I/O Isolation Available)
 Low Ripple & Noise
 External ON/OFF Control
 Switching Frequency (100KHz, min)
 Continuous Short Circuit Protection
 UL94V-V0 Package Materials
 CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108EC
Compliant to RoHS EU Directive 2002/95/EC
UL60950-1, EN60950-1, and IEC60950-1 Safety Approvals
DESCRIPTION
The RGUW2 series of DC/DC power converters provides 2 watts of output power in a 0.74 x 0.50 x 0.33 inch DIP or SMT package
without derating up to 85°C. This series has single and dual output models with 4:1 ultra wide input voltage ranges of 4.5-18VDC, 9-
36VDC, and 18-75VDC. Some features include high efficiency, low ripple and noise, 3000VDC I/O isolation option, remote ON/OFF,
continuous short circuit protection, and no minimum load requirements. All models have UL60950-1 EN60950-1, and IEC 60950-1
safety approvals as well as RoHS compliance.


Similar Part No. - RG24S3.3UW2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RG24S3.3UW3 WALL-RG24S3.3UW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
More results

Similar Description - RG24S3.3UW2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RGW2 WALL-RGW2 Datasheet
252Kb / 6P
   2 - 1 Wide Input Voltage Range DIP and SMT Packages
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com