Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSME-15-12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSME-15-12
Description  85 - 264VAC (125 - 373VDC) Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSME-15-12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSME-15-12 Datasheet HTML 1Page - Wall Industries,Inc. PSME-15-12 Datasheet HTML 2Page - Wall Industries,Inc. PSME-15-12 Datasheet HTML 3Page - Wall Industries,Inc. PSME-15-12 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
PSME15 Series
Single Outputs, Isolation Class II
15 Watts, Encapsulated PCB Mount
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/05/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSME15 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
AC Input Voltage Range
85
264
VAC
Input Voltage Range
DC Input Voltage Range
125
373
VDC
Input Frequency
47
63
Hz
Low Line
Full Load, Vin = 115VAC
0.35
Input Current
High Line
Full Load, Vin = 230VAC
0.20
A
Low Line
Cold Start, Vin = 115VAC
30
Inrush Current
High Line
Cold Start, Vin = 230VAC
50
A
No Load Power Consumption
0.3
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
-3
+5
%
5VDC model
-1
+1
Load Regulation
12V, 15V, & 24VDC models
10% to 100% rated load
-0.5
+0.5
%
5VDC output model
-1
+1
Line Regulation
12V, 15V, & 24VDC models
Low Line to High Line at rated load
-0.5
+0.5
%
Output Power
0
15
W
Output Current
See Table
Ripple & Noise (See Note 1)
See Table
Low Line
Full Load, Vin = 115VAC
25
Hold-Up Time
High Line
Full Load, Vin = 230VAC
100
ms
Setup Time (See Note 3)
Full Load, Vin = 115/230VAC
100
ms
Rise Time
Full Load, Vin = 115/230VAC
25
ms
Temperature Coefficient
0~50°C
-0.03
+0.03
%/°C
PROTECTION
Over Voltage Protection
Latch-off mode
115
145
%
Over Load Protection
Hiccup mode, recovers automatically after fault condition is removed
110
%
Short Circuit
yes
Brown-out (Low AC Input Voltage)
yes
GENERAL SPECIFICATIONS
Efficiency
Vin = 230VAC
See Table
Withstand Voltage (Input to Output)
4000
VAC
Isolation Resistance (Input to Output)
500VDC
100
MΩ
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-20
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
10
95
% RH
Vibration
10~500Hz, 2G 10min/1cycle, period for 60 min each along X, Y, and Z axes
Cooling
Free air convection
MTBF
MIL-HDBK-217F
206,300 hours
PHYSICAL SPECIFICATIONS
Weight
Approximately 4.9oz (140g)
Dimensions (L x W x H)
2.95 x 2.09 x 0.89 inches
(75 x 53 x 22.7 mm)
SAFETY & EMC
Safety Approvals
UL60601-1, TUV EN60601-1, and IEC60601-1
EMI Conduction & Radiation
EN55011: 2007+A2: 2007 Class B
Harmonic Current
EN61000-3-2: 2006 Class A, EN61000-3-3: 1995+A1: 2001+A2: 2005
EMS Immunity
EN60601-1-2: 2001+A1: 2006, IEC61000-4-2,3,4,5,6,8,11 light industry level, criteria A


Similar Part No. - PSME-15-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME-10-05 WALL-PSME-10-05 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-12 WALL-PSME-10-12 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-15 WALL-PSME-10-15 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-10-24 WALL-PSME-10-24 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME-1200-12 WALL-PSME-1200-12 Datasheet
889Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSME-15-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME20 WALL-PSME20 Datasheet
184Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
   Universal input: 85 to 264VAC
logo
Bel Fuse Inc.
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
   Universal input voltage range (85 ??305 VAC)
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
logo
Bel Fuse Inc.
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
   Universal input voltage range (85 ??305 VAC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com