Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHBU58-107 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSHBU58-107
Description  60 Watts AC - DC Medical Open Frame Power Supplies Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHBU58-107 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSHBU58-107 Datasheet HTML 1Page - Wall Industries,Inc. PSHBU58-107 Datasheet HTML 2Page - Wall Industries,Inc. PSHBU58-107 Datasheet HTML 3Page - Wall Industries,Inc. PSHBU58-107 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev A
PSHBU58 SERIES
60 Watts
AC/DC Medical Open Frame Power Supplies
Single Output
11/10/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
(1)
Setting voltage range is a factory setting and cannot be adjusted.
(2)
Output can provide up to peak load when the power supply starts up. Continuous staying in more than rated load is not allowed.
(3)
In 60% rated load condition, each output is checked to be within voltage accuracy.
(4)
Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
(5)
Load regulation is defined by changing ±40% of measured output load from 60% rated load.
(6)
Ripple & Noise is measured by using 20MHz bandwidth limited oscilloscope and terminated each output with a 0.47µF capacitor at rated load and
nominal line.
(7)
Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated
load and nominal line.
(8)
Efficiency is measured at rated load and nominal line.
DERATING CURVES
Input Voltage Derating Curve
Temperature Derating Curve
MECHANICAL DRAWINGS
PIN CHART
PIN
PSHBU58-1XX
1
RTN
2
RTN
3
OUT
4
OUT
Notes:
1.
Net Weight: 140g approx.
2.
Input Connector mates with Molex housing
09-50-3031/35977-0300 and Moles
2478/35922 series crimp terminal.
3.
Output connector mates with Molex housing
09-50-3061/35977-0600 and Molex
2478/35922 series crimp terminal.


Similar Part No. - PSHBU58-107

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSHBU58-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
   Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
HITRON ELECTRONICS CORP...
HMI40 HITRON-HMI40 Datasheet
113Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI43 HITRON-HMI43 Datasheet
156Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI63 HITRON-HMI63 Datasheet
144Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
logo
HITRON ELECTRONICS CORP...
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP250 HITRON-HIMP250 Datasheet
120Kb / 2P
   HARMONIC CORRECTION(PFC) AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 250 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
   Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
   Single Output, 180W Compact, Open Frame AC/DC Power Supplies
MPG-120S MPD-MPG-120S Datasheet
354Kb / 2P
   Single Output, 120W Green, Open Frame AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com