Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV12S48-200 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LV12S48-200
Description  200 Watt Half-Brick DC - DC Power Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LV12S48-200 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LV12S48-200 Datasheet HTML 1Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 2Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 3Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 4Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 5Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 6Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 7Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 8Page - Wall Industries,Inc. LV12S48-200 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Wall Industries, Inc.
Advanced Publication
LV200 SERIES
200 Watt Half-Brick DC/DC Power Converters
07/11/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 12
SPECIFICATIONS: LV200 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
9
12/24
36
VDC
UVLO Turn-On At
TBD
VDC
UVLO Turn-off At
TBD
VDC
Input Surge Voltage (100ms)
50
VDC
Input Current
No Load
See Table
Input Filter
Pi type
Reflected Ripple Current
TBD
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Set Point
±RS shorted to ±Vo
-1.0
+1.0
%
Line Regulation
±RS shorted to ±Vo
0.1
0.2
%
Load Regulation
±RS shorted to ±Vo
0.1
0.2
%
Voltage Adjustability
Max output limited to 200W
-10
+10
%
Remote Sense Compensation
Max output limited to 200W
10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple
1µF ceramic and 10µF tantalum
TBD
mVp-p
Spikes
1µF ceramic and 10µF tantalum
TBD
mVp-p
Temperature Drift
0.2
%/°C
DYNAMIC RESPONSE
Load Step / ΔV
50% to 100% Io, di/dt=1A/uS
200
mV
Recovery Time
Recovery to within 1% Nominal Vo
TBD
ms
Turn-on Delay
From Vin(min) to Vout (nom)
TBD
ms
Turn-on Overshoot
Full Load Resistive
0
%
Hold-up Time
From Vin (min) to VULVO_Turn_Off
0
mS
REMOTE ON/OFF CONTROL
Min High (ON/OFF pin)
Remote ON
2.2
Active High (standard)
Max Low (ON/OFF pin)
Remote OFF
1.2
VDC
Max Low (ON/OFF pin)
Remote ON
N/A
Active Low (optional)
Min High (ON/OFF pin)
Remote OFF
N/A
VDC
Active High
2.5
5.0
Remote ON/OFF Pin Floating
Over operating voltage range
Active Low
N/A
VDC
Turn-On Delay (Active High)
ON/OFF (max Low) to Vout (min)
9
ms
Turn-Off Delay (Active High)
ON/OFF (0V) to Vout (min)
160
µs
PROTECTION
Short Circuit Protection
hiccup, automatic recovery
Current Limit
Power limited-dependent upon SENSE compensation and TRIM adj.
TBD
%
Over Voltage Protection
Output clamped
115
130
%
Case temperature greater than
+95
Over Temperature Protection
Case temperature less than
+85
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
400
kHz
Input to Output
1500
Isolation Voltage
1 minute (basic insulation)
Input/Output to Case
500
VDC
Isolation Resistance
500VDC
10
Isolation Capacitance
TBD
pF
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
Max ambient limited by OTP
-40
+100
°C
Storage Temperature
-50
+125
°C
Relative Humidity
5
95
% RH
MTBF
Calculated using BELLCORE TR-332 Method 1 case 3
TBD
hours


Similar Part No. - LV12S48-200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S48-150 WALL-LV12S48-150 Datasheet
266Kb / 4P
   50-200 Watts
More results

Similar Description - LV12S48-200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
List of Unclassifed Man...
BCP75W ETC-BCP75W Datasheet
395Kb / 12P
   5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com