Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV12S12-200 Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # LV12S12-200
Description  200 Watt Half-Brick DC - DC Power Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LV12S12-200 Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button LV12S12-200 Datasheet HTML 4Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 5Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 6Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 7Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 8Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 9Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 10Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 11Page - Wall Industries,Inc. LV12S12-200 Datasheet HTML 12Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Wall Industries, Inc.
Advanced Publication
LV200 SERIES
200 Watt Half-Brick DC/DC Power Converters
07/11/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 10 of 12
TEST SETUP
Regulation and Efficiency Setup
To ensure that accurate measurements are taken, the voltage measurements are taken directly at the terminal of the
module. This minimizes errors due to contact and trace lengths between the load and the output of the supply. The
following is a diagram of the test setup.
Regulation and Efficiency Probe Setup
R
R
trace
contact
R
R
contact
trace
R
R
trace
contact
R
R
contact
trace
+V
+V
in
out
-V
-V
in
out
Rload
V
V
in
out
Output Ripple Voltage Setup
The module is tested with a 1µF ceramic capacitor in parallel with a 10µF tantalum capacitor across the output terminals.
Ripple Voltage Probe Setup
LV200 SERIES
+Vout
-Vout
10µF
Tantalum
1µF
Ceramic
Rload
SCOPE
PROBE
Input Reflected Ripple Current & Input Ripple Current Setup
The module is tested for input reflected ripple current (Irrc) and input ripple current (Irc). The input ripple voltage is also
measured at the pins with the following input filter. If there is a need to reduce input ripple current/voltage then
additional ceramic capacitors can be added to the input of the converter.
Ripple Current Setup
12µH
Irrc
Irc
out
out
LV200 SERIES
SCOPE
PROBE
+Vin
-Vin
Low
Impedance
Source
6800µF
electrolytic
capacitor
1µF
ceramic
capacitor


Similar Part No. - LV12S12-200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S12-100 WALL-LV12S12-100 Datasheet
266Kb / 4P
   50-200 Watts
LV12S12-120 WALL-LV12S12-120 Datasheet
266Kb / 4P
   50-200 Watts
LV12S12-150 WALL-LV12S12-150 Datasheet
532Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package
LV12S12-150 WALL-LV12S12-150 Datasheet
266Kb / 4P
   50-200 Watts
More results

Similar Description - LV12S12-200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
List of Unclassifed Man...
BCP75W ETC-BCP75W Datasheet
395Kb / 12P
   5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com