Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTMPU16B-105 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTMPU16B-105
Description  90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU16B-105 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTMPU16B-105 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU16B-105 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU16B-105 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU16B-105 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU16B-105 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/22/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. A
DTMPU16 SERIES
90~264VAC Input Voltage Range
15 Watts, Single Outputs
Class I for A & C Types; Class II for B Type
3
rd Edition Medical Approvals
AC/DC Desktop Power Supplies
FEATURES
• Class I for A & C Types; Class II for B Type
• RoHS Compliant
• Energy Star 2.0, Efficiency Level V Compliant
• Single Outputs
• Output Voltages Available from 5VDC to 36VDC
• Wide Input Voltage Range: 90~264VAC, 47~63Hz
• Over Voltage and Over Load Protection
• Over Temperature Detection
• Efficiency up to 85%
• IEC-320-C14, IEC-320-C8, and IEC-320-C6 Input Inlets
Available
• Meets FCC Part-18 Class B and EN55022 Class B
Emission Limits
• ANSI/AAMI ES 60601-1:2005 (UL/cUL 3rd Edition) and
EN 60601-1:2006 (TUV/T-mark 3
rd Edition) Medical
Approvals
DESCRIPTION
The DTMPU16 series of medical AC/DC desktop power supplies provides up to 15 Watts of continuous output power. This
series consists of single output models with a 90~264VAC input voltage range. All units are UL94V-1, RoHS, and Energy
Star 2.0 Level V compliant. All models meet FCC Part-18 class B and EN55022 class B emission limits and have
ANSI/AAMI ES 60601-1:2005 (UL/cUL 3
rd Edition) and EN 60601-1:2006 (TUV/T-mark: 3rd Edition) medical approvals.
These units also meet new CE requirements and have been 100% burn-in tested. The DTMPU16 series has three types of
input inlets available: IEC-320-C14 (A Type), IEC-320-C8 (B Type), and IEC-320-C6 (C Type).
IEC-320-C14
IEC-320-C8
IEC-320-C6
MEDICAL


Similar Part No. - DTMPU16B-105

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-102 WALL-DTMPU101-102 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-103 WALL-DTMPU101-103 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-104 WALL-DTMPU101-104 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-105 WALL-DTMPU101-105 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTMPU16B-105

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
   90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
   100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com