Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5050A Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5050A
Description  Single-output Clock Generator IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050A Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM5050A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—7
Switching Time Measurement Waveforms
Output duty level
Output duty cycle time
Output Disable Delay Time/Startup Time
0.8VDD
0.2VDD
0.8VDD
0.2VDD
tr
tf
Q output
DUTY measurement
voltage (0.5V DD
)
TW
DUTY measurement
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
Q output
INHN
VIL
tPLZ
INHN input waveform
tr = tf 10ns
VIH
tSZL
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
Hi-Z
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,


Similar Part No. - SM5050A

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM5053-43L STEALTH_MICROWAVE-SM5053-43L Datasheet
185Kb / 4P
   5000-5300 MHz 20 Watt Ultra-Linear Power Amplifier
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
163Kb / 2P
   Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059 Datasheet
110Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
More results

Similar Description - SM5050A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
   SINGLE OUTPUT CLOCK GENERATOR
IDT5V926A IDT-IDT5V926A Datasheet
101Kb / 6P
   Single Output Clock Generator
logo
Pericom Semiconductor C...
PI6LC48C21 PERICOM-PI6LC48C21 Datasheet
792Kb / 6P
   Single Output LVCMOS Clock Generator
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P25104 PERICOM-PI6LC48P25104 Datasheet
732Kb / 7P
   Single Output LVPECL Clock Generator
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
   Clock generator IC
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
   Clock generator IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com