Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW200-48S3.3 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW200-48S3.3
Description  165 - 240 Watts, Half-Brick DC - DC Power Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW200-48S3.3 Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button DCHBW200-48S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 9Page - Wall Industries,Inc. DCHBW200-48S3.3 Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Wall Industries, Inc.
Rev F
DCHBW200 SERIES
165~240 Watts, Half-Brick DC/DC Power Converters
05/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 10
EMC CONSIDERATIONS
Recommended Schematic for EN55011, EN55022 Conducted Emission Class A Limits
+INPUT
-INPUT
C1
C2
C3
C4
C5
C6
C7
L1
C10
C11
LOAD
+VIN
+VOUT
CTRL
CASE
-VIN
-VOUT
DC/DC CONVERTER
+
+
C8
C9
C12
C13
R1
+
+
DCHBW200-24SXX MODELS
Component
Value
Voltage
Reference
C1, C2, C4
330μF
50V
Nippon chemi-con KY series
C3, C6, C7
4.7μF
50V
1812 MLCC
C8, C9, C10, C11, C13
1000pF
3KV
1808 MLCC
C12
3300pF
3KV
1808 MLCC
L1
45μH±35%
-
Common Choke, P/N: PMT-092
DCHBW200-48SXX MODELS
Component
Value
Voltage
Reference
C1, C2, C4
100μF
100V
Nippon chemi-con KY Series
C3, C6, C7
2.2μF
100V
1812 MLCC
C8, C9, C10, C11, C12, C13
1000pF
3KV
1808 MLCC
L1
224μH±35%
-
Common Choke P/N: PMT-087
DCHBW200-110SXX MODELS
Component
Value
Voltage
Reference
C1, C2, C5
100μF
250V
Rubycon BXF series
C3, C6, C7
1μF
250V
1812 MLCC
C8, C9, C10, C11, C13
1000pF
3KV
1808 MLCC
L1
521μF±35%
-
Common Choke P/N: PMT-088
NOTES: 1. See page 9 for common mode choke.
2. While testing, connect the screw bolts to the shield plane to reduce EMI.
Recommended Layout with Input Filter


Similar Part No. - DCHBW200-48S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW200-48S3.3 WALL-DCHBW200-48S3.3 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
More results

Similar Description - DCHBW200-48S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com