Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91256A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # E91256A
Description  Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 800V Ountput Current 2.5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

E91256A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  E91256A_15 Datasheet HTML 1Page - GOOD-ARK Electronics E91256A_15 Datasheet HTML 2Page - GOOD-ARK Electronics E91256A_15 Datasheet HTML 3Page - GOOD-ARK Electronics E91256A_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E91256A
Surface Mount Glass Passivated Single Phase Bridge Rectifier
Reverse Voltage 800V Ountput Current 2.5A
www.goodark.com
3/4
2015.08-Rev.A
Package Outline Dimensions
Unit:mm
Mounting Pad layout
unit:mm
Dim
Min
Max
Dim
Min
Max
A
1.10
1.20
E1
4.98
5.18
A1
HE
9.8
10.2
A2
L1
0.9
1.1
B1
L2
0.95
1.35
B2
L3
5.65
6.05
C
0.15
0.30
L4
1.8
2.2
D
8.10
8.40
L5
0.8
1.2
E
9.20
9.50
L6
0.8
1.2
0.05 typ.
0.05 typ.
2.0 typ.
2.0 typ.


Similar Part No. - E91256A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results

Similar Description - E91256A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E91207R GOOD-ARK-E91207R_15 Datasheet
259Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 1000V Ountput Current 2.0A
E91209A GOOD-ARK-E91209A_15 Datasheet
259Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 1400V Ountput Current 2.0A
DFL3005 GOOD-ARK-DFL3005_15 Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 50~1000V Ountput Current 3A
DFL2005 GOOD-ARK-DFL2005_15 Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 50~1000V Ountput Current 2A
DFL1005 GOOD-ARK-DFL1005_15 Datasheet
202Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 50~1000V Ountput Current 1A
logo
Gulf Semiconductor
G2SBA480-E GULFSEMI-G2SBA480-E Datasheet
186Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:4.0A
GSIB480-E GULFSEMI-GSIB480-E Datasheet
142Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current: 4.0A
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
KBP08G-E GULFSEMI-KBP08G-E Datasheet
109Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:1.5A
logo
GOOD-ARK Electronics
DFL5BS GOOD-ARK-DFL5BS_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 100V Ountput Current 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com