Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW75-24S05 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHBW75-24S05
Description  4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75-24S05 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHBW75-24S05 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. E
DCHBW75 Series
4:1 Input Voltage Ranges
Up to 76.8 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/21/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 8
SPECIFICATIONS: DCHBW75 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
270
300
330
KHz
Input to Output
4242
110VDC Input Models 1 minute (reinforced insulation)
Input (Output) to Case
2121
VDC
Input to Output
2250
Isolation Voltage
Others
1 minute (basic insulation)
Input (Output) to Case
1600
VDC
Isolation Resistance
1
GΩ
Isolation Capacitance
2500
pF
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
ENVIRONMENTAL SPECIFICATIONS
Base-plate
-40
+105
Operating Case Temperature Range
Terminal Block type
-40
+105
°C
Standard
-55
+125
Storage Temperature
Terminal Block type
-40
+105
°C
Relative Humidity
5
95
% RH
Thermal Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Standard
6.7
With 0.24” Heatsink
5.4
Thermal Impedance (See Note 9)
With 0.45” Heatsink
4.7
°C/Watt
BELLCORE TR-NWT-000332
1,010,000 hours
MTBF (See Note 1)
MIL-HDBK-217F
74,160 hours
PHYSICAL SPECIFICATIONS
Standard
3.42oz (97g)
Terminal Block (“T” suffix)
7.05oz (200g)
Weight
Terminal Block with EMC Filter (“TF” suffix)
8.47oz (240g)
Standard
2.4x2.28x0.5 inches (61x57.9x12.7 mm)
Terminal Block (“T” suffix)
3.35x2.4x1.1 inches (85x61x28 mm)
Dimensions (L x W x H)
Terminal Block with EMC Filter (“TF” suffix)
3.35x2.4x1.27 inches (85x61x32.3 mm)
24VDC and 48VDC nominal input models
Metal
Case Material
110VDC nominal input voltage models
Aluminum base-plate with plastic case
Base Material
24VDC and 48VDC nominal input models
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
24VDC and 48VDC nominal input models
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1, EN50155 (pending for 110VDC nominal input models)
Standard
EN55011, EN55022
Class A
EMI (See Note 11)
TF Option
EN55011, EN55022
Class A
Air ±8KV
ESD
EN61000-4-2
Contact ±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient (See Note 11)
EN61000-4-4
±2KV
Perf. Criteria A
EN55024
±1KV
Perf. Criteria A
Surge (See Note 11)
EN61000-4-5
EN50155
±2KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A


Similar Part No. - DCHBW75-24S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75-24S05 WALL-DCHBW75-24S05 Datasheet
679Kb / 9P
   Up to 76.8 Watts DC/DC Power Converter Single Outputs
More results

Similar Description - DCHBW75-24S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
logo
Power Mate Technology C...
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com