Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB200-48S15 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCHB200-48S15
Description  165 - 255 Watts, Half-Brick DC - DC Power Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB200-48S15 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCHB200-48S15 Datasheet HTML 1Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 2Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 3Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 4Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 5Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 6Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 7Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 8Page - Wall Industries,Inc. DCHB200-48S15 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Wall Industries, Inc.
Rev E
DCHB200 SERIES
165~255 Watts, Half-Brick DC/DC Power Converters
09/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 9
MECHANICAL DRAWING
Standard Models
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
EXTERNAL OUTPUT TRIMMING
PIN CONNECTIONS
Pin
Define
Diameter
1
- INPUT
0.04 in.
2
CASE (optional)
0.04 in.
3
CTRL
0.04 in.
4
+ INPUT
0.04 in.
5
- OUTPUT
0.08 in.
6
- SENSE
0.04 in.
7
TRIM
0.04 in.
8
+ SENSE
0.04 in.
9
+ OUTPUT
0.08 in.
10
SYNC (optional)
0.04 in.
1.900 [48.26]
2.28 [57.9]
0.50
[12.7]
0.200 [5.08]
0.02 [0.6]
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque:
MAX 5.0kgf-cm/0.49N-m (Note 4)
BOTTOM VIEW
FRONT VIEW
5
6
7
8
9
1
2
10
3
4
TO ORDER:
6. FOR SYNC PIN ADD THE SUFFIX “SY”TO THE MODEL NUMBER
7. FOR CASE PIN ADD THE SUFFIX “CP”TO THE MODEL NUMBER
8. UNIT COMES WITH EITHER M3x0.5 THREADED-THRU INSERTS OR FOR
Ø.126 THRU-HOLE ADD THE “TH” SUFFIX TO MODEL NUMBER
9. FOR HEATSINK SEE THE “PRODUCT OPTIONS”TABLE FOR DIFFERENT OPTIONS
NOTE: THRU-HOLE MODELS CANNOT BE EQUIPPED WITH A HEATSINK
10. FOR TERMINAL BLOCK OPTIONS SEE PAGE 6
NOTES:
1. TOLERANCE: X.XX±0.02 [X.X±0.5]
X.XXX±0.010 [X.XX±0.25]
2. PIN PITCH TOLERANCE: ±0.01 [±0.25].
3. PIN DIMENSION TOLERANCE: ±0.004 [±0.1]
4. CASE GROUNDING: EMI CAN BE REDUCED WHEN THE FOUR
SCREW BOLTS ARE CONNECTED TO THE SHIELD PLANE
5. DIMENSIONS ARE FOR REFERENCE ONLY
DO NOT SCALE DRAWING
PER ASME Y14.5M - 1994
INTERPRET DIMENSION AND TOLERANCE
THIRD ANGLE PROJECTION
UNLESS OTHERWISE SPECIFIED
ALL DIMENSONS ARE IN INCHES
[ XX ] ARE IN MILLIMETERS
APPLIED TOLERANCES:
ANGLES= ±1°
.XX=±.02[0.5] .XXX=±.010[0.25]
SIDE VIEW
Product Options
Suffix
Product Options
Suffix
0.200” pin length
R
H = 0.45” Vertical Fin
P/N: 7G-0021A-F
H
Negative Remote ON/OFF Logic
0.145” pin length
RL
H = 0.24” Horizontal Fin
P/N: 7G-0022A-F
H1
0.200” pin length
None
H = 0.24” Vertical Fin
P/N: 7G-0023A-F
H2
Positive Remote ON/OFF Logic
0.145” pin length
S
Heatsinks (1)(2)
H = 0.45” Horizontal Fin
P/N: 7G-0024A-F
H3
Thru-Hole Inserts(1)
Ø0.126 thru-hole (no thread) inserts
TH
Terminal Block
T
Sync Pin(3)
SY
Terminal Block with Aluminum Base-plate and EMC Filter
TF
Case Pin(3)
CP
Terminal Block(2)(3)(4)(5)
Terminal block with anodized aluminum base-plate and
EMC filter, can be connected to protective earth (PE)
TF1
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. Terminal block models (suffix “T”, “TF”, and “TF1”) cannot be equipped with a heatsink.
3. No “SY” or “CP” functions for terminal block types.
4. Only 0.200” pin length is available with terminal block options.
5. Models with EMC filter (suffix “TF” and “TF1”) meet EN55011, EN55022 Class A.


Similar Part No. - DCHB200-48S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200-48S15 WALL-DCHB200-48S15 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
More results

Similar Description - DCHB200-48S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com