Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB200-24S28 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCHB200-24S28
Description  165 - 255 Watts, Half-Brick DC - DC Power Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB200-24S28 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCHB200-24S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 8Page - Wall Industries,Inc. DCHB200-24S28 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Wall Industries, Inc.
Rev E
DCHB200 SERIES
165~255 Watts, Half-Brick DC/DC Power Converters
09/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 9
TERMINAL BLOCK OPTIONS
Terminal Block with Aluminum Base-plate - Suffix “T”
2.126 [54.00]
2.40 [61.0]
TOP VIEW
Screw 1
4-M4X0.7
1
2
3
4
5
6
7
8
9
0.76 [19.3]
1.25 [31.7]
Screw 2
NOTES:
1. Unit: inches [mm]
2. Tolerance: X.XX±0.02 [X.X±0.5]
X.XXX±0.01 [X.XX±0.25]
3. Pin pitch tolerance±0.01 [±0.25]
4. Pin dimension tolerance: ±0.004 [±0.10]
5. Weight: 8.29oz (235g)
6. Terminal block models can not be equipped with a heatsink
7. No “SY” or “CP” functions for terminal block types
8. Only 0.200” pin length is available with terminal block options
9. Screw 1 locked torque: Max 11.2kgf-cm (1.10N-m)
10. Screw 2 locked torque: Max 5.2kgf-cm (0.51N-m)
11. Screw 3 locked torque: Max 16.8kgf-cm (1.65N-m)
PIN CONNECTIONS
Pin
De ne
Wire Range
1
-INPUT
8AWG to 9AWG
2
NC
NA
3
CTRL
14AWG to 18AWG
4
+INPUT
8AWG to 9AWG
5
-OUTPUT
4AWG to 5AWG
6
-SENSE
14AWG to 18AWG
7
TRIM
14AWG to 18AWG
8
+SENSE
14AWG to 18AWG
9
+OUTPUT
4AWG to 5AWG
Terminal Block with Aluminum Base-plate and EMC Filter (EN55022 Class A) - Suffix “TF”
2.40 [61.0]
2.126 [54.00]
2.00 [50.8]
Screw 1
4-M4X0.7
Screw 2
1
2
3
4
5
6
7
8
9
TOP VIEW
0.76 [19.3]
1.47 [37.3]
0.71 [18.0]
PIN CONNECTIONS
Pin
De ne
Wire Range
1
-INPUT
8AWG to 9AWG
2
NC
NA
3
CTRL
14AWG to 18AWG
4
+INPUT
8AWG to 9AWG
5
-OUTPUT
4AWG to 5AWG
6
-SENSE
14AWG to 18AWG
7
TRIM
14AWG to 18AWG
8
+SENSE
14AWG to 18AWG
9
+OUTPUT
4AWG to 5AWG
NOTES:
1. Unit: inches [mm]
2. Tolerance: X.XX±0.02 [X.X±0.5]
X.XXX±0.01 [X.XX±0.25]
3. Pin pitch tolerance±0.01 [±0.25]
4. Pin dimension tolerance: ±0.004 [±0.10]
5. Weight: 9.88oz (280g)
6. Terminal block models can not be equipped with a heatsink
7. No “SY” or “CP” functions for terminal block types
8. Only 0.200” pin length is available with terminal block options
9. Screw 1 locked torque: Max 11.2kgf-cm (1.10N-m)
10. Screw 2 locked torque: Max 5.2kgf-cm (0.51N-m)
11. Screw 3 locked torque: Max 16.8kgf-cm (1.65N-m)
Terminal Block with Anodized Aluminum Base-plate and EMC Filter (EN55022 Class A) and can be Connected to PE - Suffix “TF1”
0.81 [20.7]
1.52 [38.7]
0.71 [18.0]
2.40 [61.0]
2.126 [54.00]
2.00 [50.8]
TOP VIEW
Screw 2
1
2
3
4
5
6
7
8
9
Screw 1
4-M4X0.7
PIN CONNECTIONS
Pin
De ne
Wire Range
1
-INPUT
8AWG to 9AWG
2
NC
NA
3
CTRL
14AWG to 18AWG
4
+INPUT
8AWG to 9AWG
5
-OUTPUT
4AWG to 5AWG
6
-SENSE
14AWG to 18AWG
7
TRIM
14AWG to 18AWG
8
+SENSE
14AWG to 18AWG
9
+OUTPUT
4AWG to 5AWG
NOTES:
1. Unit: inches [mm]
2. Tolerance: X.XX±0.02 [X.X±0.5]
X.XXX±0.01 [X.XX±0.25]
3. Pin pitch tolerance±0.01 [±0.25]
4. Pin dimension tolerance: ±0.004 [±0.10]
5. Weight: 10.12oz (287g)
6. Terminal block models can not be equipped with a heatsink
7. No “SY” or “CP” functions for terminal block types
8. Only 0.200” pin length is available with terminal block options
9. Screw 1 locked torque: Max 11.2kgf-cm (1.10N-m)
10. Screw 2 locked torque: Max 5.2kgf-cm (0.51N-m)
11. Screw 3 locked torque: Max 16.8kgf-cm (1.65N-m)


Similar Part No. - DCHB200-24S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200-24S28 WALL-DCHB200-24S28 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
More results

Similar Description - DCHB200-24S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com