Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBA2 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCHBA2
Description  2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA2 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCHBA2 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev C
DCHBA2 SERIES
2 Watts
Medical Isolated DC/DC Power Converter
Non-Regulated Single & Dual Outputs
10/20/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 7
TEST CONFIGURATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
DC Power Supply: offers a wide voltage and current range precisely.
Current Meter (A): Accuracy
 200µA~200mA 4 ranges ±(0.2% rdg + 2 digits)
2000mA~20A 2 ranges ±(0.3% rdg + 2 digits)
Voltage Meter (V): Accuracy
 ±(0.3% rdg + 4 digits)
Load: At Full Load
Wires: The resistance of the wires must be small.
1. Input Voltage Range: Narrow input voltage range (±10%); Wide input voltage range (2:1 and 4:1)
Ex: Narrow input voltage range (±10%)
5VDC nominal input
 4.5~5.5VDC
12VDC nominal input
 10.8~13.2VDC
24VDC nominal input
 21.6~26.4VDC
Wide input voltage range 2:1
5VDC nominal input
4.5~9VDC
12VDC nominal input
9~18VDC
24VDC nominal input
18~36VDC
48VDC nominal input
36~75VDC
Wide input voltage range 4:1 (W)
24VDC nominal input
9~36VDC
48VDC nominal input
18~75VDC
2. Input Power:
Pin=Vin x Iin
Vin: Input voltage
Iin: Input current
3. Output Power:
Pout=Vout x Iout
Vout: Output Voltage
Iout: Output Current
4. Efficiency:
Efficiency= Pout
Pin
x100%
Pout: Output Power
Pin: Input Power
5. Voltage Accuracy:
|Vout-Vout(Nominal)| x100%
Vout: Output Voltage
Vout
Vout (nominal): Nominal output voltage
6. Line Regulation:
(1) Wide input voltage range and regulated output voltage series
| Vout(LL)-Vout(HL) | x100% LL: Low Line Input Voltage
Vout(LL)
HL: High Line Input Voltage
(2) Narrow input voltage range (±10%) and unregulated output voltage series
Line Regulation=
|
ΔVout |
ΔVin
ΔVout=
Vin(+10%)-Vin(-
10%)
x 100%
Vin(Nominal)
Vout(+10%): Output Voltage at Vin=1.1 x Vin(nominal) & Full Load
Vout(-10%): Output Voltage at Vin= 0.9 x Vin(nominal) & Full Load
Vout: Output Voltage at Vin= Vin(nominal) & Full Load


Similar Part No. - DCHBA2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA2 WALL-DCHBA2 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
DCHBA2-12D05H6 WALL-DCHBA2-12D05H6 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
DCHBA2-12D09H6 WALL-DCHBA2-12D09H6 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
DCHBA2-12D12H6 WALL-DCHBA2-12D12H6 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
DCHBA2-12D15H6 WALL-DCHBA2-12D15H6 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
More results

Similar Description - DCHBA2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA2 WALL-DCHBA2_18 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCHBA1 WALL-DCHBA1 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA1 WALL-DCHBA1_18 Datasheet
647Kb / 7P
   1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com