Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB200-24S3.3 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHB200-24S3.3
Description  165 - 255 Watts, Half-Brick DC - DC Power Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB200-24S3.3 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHB200-24S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 7Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 8Page - Wall Industries,Inc. DCHB200-24S3.3 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Wall Industries, Inc.
Rev E
DCHB200 SERIES
165~255 Watts, Half-Brick DC/DC Power Converters
09/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 9
HEATSINK OPTIONS
Vertical Fin Orientation (Suffixes “H”, “H2”)
Horizontal Fin Orientation (Suffixes “H1”, “H3”)
2.28 (57.9)
Heatsink Options
H = 0.24” (H2 suffix)
H = 0.45” (H suffix)
NOTES
1. Unit: inches (mm)
2. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. All dimensions are for reference only
H
2.28 (57.9)
Air Flow
Heatsink Options
H = 0.24” (H2 suffix)
H = 0.45” (H suffix)
NOTES
1. Unit: inches (mm)
2. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. All dimensions are for reference only
OUTPUT VOLTAGE ADJUSTMENT
Output is adjustable for 10% trim up or -20% trim down of nominal output voltage by connecting an external resistor between the TRIM pin and
either the +SENSE or -SENSE pins. With an external resistor between the TRIM and -SENSE pin, the output voltage set decreases. With an external
between the TRIM and -SENSE pin, the output voltage set point increases. Maximum output deviation is +10% inclusive of remote sense. The
value of the external resistor can be obtained by the equations below. The external TRIM resistor needs to be at least 1/8W resistor.
Trim Up
Trim Down
7
8
RU
6
7
RD
MODEL NUMBER SETUP
DCHB
200
-
24
S
12
R
Series Name
Output Power
Input Voltage
Output Quantity
Ouptut Voltage
Remote On/Off & Pin Length
200:
200 Watts
12:
8.5 - 22 VDC
S:
Single
3.3:
3.3 VDC
None:
positive Logic, 0.200” pin length
9 - 22 VDC
05:
5 VDC
S:
positive Logic, 0.145” pin length
24:
16.5 - 36 VDC
12:
12 VDC
R:
negative Logic, 0.200” pin length
48:
33 - 75 VDC
15:
15 VDC
RL:
negative Logic, 0.145” pin length
24:
24 VDC
28:
28 VDC
48:
48 VDC
53:
53 VDC
Y
C
TH
H
TF
Sync Pin (3)
Case Pin (3)
Thru-Hole Inserts (1)
Heatsink (1) (2)
Terminal Block (2) (3) (4) (5)
SY:
sync pin
CP:
case pin
None:
threaded inserts
None:
no heatsink
None:
no terminal block
TH:
Ø0.126 thru-hole inserts
H:
0.45” vertical
T:
Terminal block with aluminum base-plate
H1:
0.24” horizontal
TF:
Terminal block with aluminum base-plate and EMC filter
H2:
0.24” vertical
H3:
0.45” horizontal
TF1:
Terminal block with anodized aluminum base-plate and
EMC filter, can be connected to Protective Earth (PE)
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. Terminal block models (suffix “T”, “TF”, and “TF1”) cannot be equipped with a heatsink.
3. No “SY” or “CP” functions for terminal block types.
4. Only 0.200” pin length is available with terminal block options.
5. Models with EMC filter (suffix “TF” and “TF1”) meet EN55011, EN55022 Class A.
=
K
R
D
2
%
100
(
) (
)
+
+
=
K
V
R
OUT
U
%
%
2
100
%
225
.
1
%
100


Similar Part No. - DCHB200-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200-24S3.3 WALL-DCHB200-24S3.3 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
More results

Similar Description - DCHB200-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com