Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB150-12S28 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # DCHB150-12S28
Description  Single Outputs Ranging from 3.3VDC to 48VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150-12S28 Datasheet(HTML) 8 Page - Wall Industries,Inc.

  DCHB150-12S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 8Page - Wall Industries,Inc. DCHB150-12S28 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev C
DCHB150 SERIES
132~196 Watts
DC/DC Power Conerters
Single Output
10/29/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 9
HEATSINK OPTIONS
Vertical Fin Orientation, Suffix: -HS, HS2
Horizontal Fin Orientation, Suffix: -HS1, HS3
MODEL NUMBER SETUP
DCHB
150
-
24
S
12
P
Series Name
Output Power
Input Voltage
Output Quantity
Ouptut Voltage
Remote On/Off & Pin Length
150: 150 Watts
12: 8.5~22 VDC
S: single
3.3: 3.3 VDC
None: positive Logic, 0.200” pin length
9~22 VDC
05: 5 VDC
S: positive Logic, 0.145” pin length
24: 16.5~36 VDC
12: 12 VDC
R: negative Logic, 0.200” pin length
48: 33~75 VDC
15: 15 VDC
RL: negative Logic, 0.145” pin length
24: 24 VDC
28: 28 VDC
48: 48 VDC
53: 53 VDC
Y
C
TH
H
TF
Sync Pin
Case Pin
Thru-Hole Inserts(1)
Heatsink
Terminal Block(2)
Blank: No Pin
Blank: No Pin
None: threaded inserts
None: no heatsink
None: No terminal block
SY: sync pin
CP: case pin
TH: No Thread
H: 0.45” vertical 7G-0021A-F
T: wall mounted
H1: 0.24” horizontal 7G-0022A-F
TF: wall mounted with EMC filter (3)
H2: 0.24” vertical 7G-0023A-F
TF1:
wall mounted with EMC filter can
be connected to PE
(3)
H3: 0.45” horizontal 7G-0024A-F
NOTES
1. The module can’t equip Heat-Sink with TH option
2. No Y and C function for terminal block type, and terminal block type only for 0.200” pin length.
3. EMI filter meets EN55022 Class A.


Similar Part No. - DCHB150-12S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150-12S28 WALL-DCHB150-12S28 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S28P WALL-DCHB150-12S28P Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S28R WALL-DCHB150-12S28R Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S28RL WALL-DCHB150-12S28RL Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S28S WALL-DCHB150-12S28S Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
More results

Similar Description - DCHB150-12S28

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
M/A-COM Technology Solu...
MABA-000001-50KIT1 MA-COM-MABA-000001-50KIT1 Datasheet
112Kb / 1P
   transformers ranging from 1 to 3000 MHz
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
   Single Outputs from 3.3 to 48 V
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
   Single Outputs from 18 V to 48 V
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
   Ranging accuracy to within 10cm
logo
Cree, Inc
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com