Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGLCSAR0R2M1B51A0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTGLCSAR0R2M1B51A0
Description  circuit is protected until current is turned off
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGLCSAR0R2M1B51A0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTGLCSAR0R2M1B51A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGLCSAR0R2M1B51A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGLCSAR0R2M1B51A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PTGLCSAR0R2M1B51A0
Specifications
Max. Voltage
16V
Hold Current
692mA
Measure Condition of Hold Current
(at
+85
)
Hold Current (2)
1300mA
Measure Condition of Hold Current (2) (at
+25
)
Trip Current
2410mA
Measure Condition of Trip Current
(at
+25
)
Trip Current(2)
3006mA
Measure Condition of Trip Current(2)
(at -
30
)
Max. Current
9A
Resistance
(25
)
0.2Ω
Resistance Value Tolerance (at
25
)
±20%
Power Consumption(Typ)
2W
Operating Temperature Range
-
30
to
85
D: Outer Dimension
11.3mm
Thickness
3.5mm
H: Height
16mm
F: Lead Space
5mm
d: Lead Diameter
0.6mm
Shape
Lead
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/07


Similar Part No. - PTGLCSAR0R2M1B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGLCSAR0R2M1B51A0 MURATA-PTGLCSAR0R2M1B51A0 Datasheet
245Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGLCSAR0R2M1B51A0 MURATA1-PTGLCSAR0R2M1B51A0 Datasheet
459Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGLCSAR0R2M1B51A0 MURATA1-PTGLCSAR0R2M1B51A0 Datasheet
497Kb / 3P
   PTC Thermistors
02/08/2024
logo
Murata Manufacturing Co...
PTGLCSAR0R2M1B51A0 MURATA-PTGLCSAR0R2M1B51A0_17 Datasheet
245Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGLCSAR0R2M1B51A0 MURATA1-PTGLCSAR0R2M1B51A0_V01 Datasheet
459Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
More results

Similar Description - PTGLCSAR0R2M1B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL7SAS1R8K2B51A0 MURATA-PTGL7SAS1R8K2B51A0 Datasheet
233Kb / 3P
   circuit is protected until current is turned off
PTGL9SARR33M1B51B0 MURATA-PTGL9SARR33M1B51B0 Datasheet
228Kb / 3P
   circuit is protected until current is turned off
PTGLCSAS1R2K3B51B0 MURATA-PTGLCSAS1R2K3B51B0 Datasheet
231Kb / 3P
   circuit is protected until current is turned off
PTGL5SAS270K6B51B0 MURATA-PTGL5SAS270K6B51B0 Datasheet
233Kb / 3P
   circuit is protected until current is turned off
PTGL7SAS2R7K2B51B0 MURATA-PTGL7SAS2R7K2B51B0 Datasheet
235Kb / 3P
   circuit is protected until current is turned off
PTGL7SAS3R3K3B51B0 MURATA-PTGL7SAS3R3K3B51B0 Datasheet
234Kb / 3P
   circuit is protected until current is turned off
PTGL9SAS2R2K3B51A0 MURATA-PTGL9SAS2R2K3B51A0 Datasheet
234Kb / 3P
   circuit is protected until current is turned off
PTGL9SAS120K6B51A0 MURATA-PTGL9SAS120K6B51A0 Datasheet
233Kb / 3P
   circuit is protected until current is turned off
PTGLASARR27M1B51B0 MURATA-PTGLASARR27M1B51B0 Datasheet
231Kb / 3P
   circuit is protected until current is turned off
PTGL5SAS6R8K3B51A0 MURATA-PTGL5SAS6R8K3B51A0 Datasheet
233Kb / 3P
   circuit is protected until current is turned off
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com