Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3MXP1039 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # P3MXP1039
Description  Visible Enhanced Photo Detectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P3MXP1039 Datasheet(HTML) 1 Page - Microsemi Corporation

  P3MXP1039 Datasheet HTML 1Page - Microsemi Corporation P3MXP1039 Datasheet HTML 2Page - Microsemi Corporation P3MXP1039 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
Copyright
 2000
MSC0896.PDF 2000-11-21
P3MXP1039 PC/PV
Visible Enhanced Photo Detectors
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
DESCRIPTION
Microsemi’s Optomite package is designed for low profile Visual
Enhanced Photodetector applications in wavelengths from 400nm to
1100nm.
Based on Microsemi’s patented Powermite 3 packaging technology,
the new Optomite offers a low cost alternative to conventional
hermetic photodetector packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"
Low Dark Current
!"
Low Noise
!"
High Break Down Voltage
APPL ICATIONS
APPL ICATIONS
APPL ICATIONS
APPL ICATIONS
!"
Ambient Light Detection for
Handheld Display
Applications
!"
Oxymeters
!"
Laser Gyros
!"
Spectrometers
M E CHANICA L
M E CHANICA L
M E CHANICA L
M E CHANICA L
!


Similar Part No. - P3MXP1039

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
PEAK electronics GmbH
P3MU-0505ELF PEAK-P3MU-0505ELF Datasheet
141Kb / 4P
   PM1-SERIES
P3MU-0509ELF PEAK-P3MU-0509ELF Datasheet
141Kb / 4P
   PM1-SERIES
P3MU-0512ELF PEAK-P3MU-0512ELF Datasheet
141Kb / 4P
   PM1-SERIES
More results

Similar Description - P3MXP1039

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1045 MICROSEMI-MXP1045 Datasheet
42Kb / 1P
   UV Enhanced Photo Detectors
MXP1048 MICROSEMI-MXP1048 Datasheet
43Kb / 1P
   IR Enhanced Photo Detectors
MXP1042 MICROSEMI-MXP1042 Datasheet
42Kb / 1P
   Blue Enhanced Photo Detectors
MXP1055PC-IR MICROSEMI-MXP1055PC-IR Datasheet
35Kb / 1P
   IR Enhanced Photo Detectors
MXP1051HS MICROSEMI-MXP1051HS Datasheet
36Kb / 1P
   High Speed Photo Detectors
logo
Motorola, Inc
MRD300 MOTOROLA-MRD300 Datasheet
152Kb / 3P
   PHOTO DETECTORS TRANSISTOR OUTPUT
logo
Microsemi Corporation
MXP1123 MICROSEMI-MXP1123 Datasheet
49Kb / 1P
   High Speed Photo Detectors
MXP1020-PS MICROSEMI-MXP1020-PS Datasheet
39Kb / 1P
   Position Sensing Photo Detectors
logo
Advanced Photonix, Inc.
PDU-G102B ADVANCEDPHOTONIX-PDU-G102B Datasheet
75Kb / 1P
   UV Enhanced GaN Detectors
PDU-G101A ADVANCEDPHOTONIX-PDU-G101A Datasheet
122Kb / 1P
   UV Enhanced GaN Detectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com