Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30030 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30030
Description  Combination Power Factor Correction
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30030 Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30030 Datasheet HTML 1Page - ON Semiconductor NCL30030 Datasheet HTML 2Page - ON Semiconductor NCL30030 Datasheet HTML 3Page - ON Semiconductor NCL30030 Datasheet HTML 4Page - ON Semiconductor NCL30030 Datasheet HTML 5Page - ON Semiconductor NCL30030 Datasheet HTML 6Page - ON Semiconductor NCL30030 Datasheet HTML 7Page - ON Semiconductor NCL30030 Datasheet HTML 8Page - ON Semiconductor NCL30030 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 1
1
Publication Order Number:
NCL30030/D
NCL30030
Combination Power Factor
Correction and
Quasi-Resonant Flyback
Controllers for LED Lighting
This combination IC integrates power factor correction (PFC) and
quasi−resonant flyback functionality necessary to implement a
compact and highly efficient LED driver for high performance LED
lighting applications.
The PFC stage utilizes a proprietary multiplier architecture to
achieve low harmonic distortion and near−unity power factor while
operating in a Critical Conduction Mode (CrM). The circuit
incorporates all the features necessary for building a robust and
compact PFC stage while minimizing the number of external
components.
The quasi−resonant current−mode flyback stage features a
proprietary valley−lockout circuitry, ensuring stable valley switching.
This system works down to the 4th valley and toggles to a frequency
foldback mode with a minimum frequency clamp beyond the 4th
valley to eliminate audible noise. Skip mode operation allows
excellent efficiency in light load conditions while consuming very low
standby power consumption.
Common General Features
Wide VCC Range from 9 V to 30 V with Built−in Overvoltage
Protection
High−Voltage Startup Circuit
Integrated High−Voltage Brown−Out Detector
Fault Input for Severe Fault Conditions, NTC Compatible (Latch and
Auto−Recovery Options)
0.5 A / 0.8 A Source / Sink Gate Drivers
Internal Temperature Shutdown
PFC Controller Features
Critical Conduction Mode with a Multiplier
Accurate Overvoltage Protection
Optional Bi−Level Line−Dependent Output Voltage
(2:1 / 1.77:1 Versions)
Fast Line / Load Transient Compensation
Boost Diode Short−Circuit Protection
Feed−Forward for Improved Operation across Line and
Load
Adjustable PFC Disable Threshold Based on Output
Power
QR Flyback Controller Features
Valley Switching Operation with Valley−Lockout for
Noise−Free Operation
Frequency Foldback with Minimum Frequency Clamp
for Highest Performance in Standby Mode
Minimum Frequency Clamp Eliminates Audible Noise
Timer−Based Overload Protection (Latched or
Auto−Recovery options)
Adjustable Overpower Protection
Winding and Output Diode Short−Circuit Protection
4 ms Soft−Start Timer
These are Pb−Free Devices
Typical Applications
High Power LED Drivers
Commercial LED ballasts
LED Signage Power Supplies
Adapters
Open Frame Power Supplies
LED Electronic Control Gear
MARKING DIAGRAM
www.onsemi.com
See detailed ordering and shipping information on page 31 of
this data sheet.
ORDERING INFORMATION
SOIC−16 NB MISSING PIN 2
CASE 751DT
NCL30030 = Specific Device Code
x
= A or B
y
= 1, 2 or 3
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
116
PFB
GND
PCS/PZCD
PDRV
QDRV
QCS
VCC
QZCD
BO/HV
MULT
PControl
PONOFF
QCT
Fault
QFB


Similar Part No. - NCL30030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
More results

Similar Description - NCL30030

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com