Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30030 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCL30030
Description  Combination Power Factor Correction
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30030 Datasheet(HTML) 5 Page - ON Semiconductor

  NCL30030 Datasheet HTML 1Page - ON Semiconductor NCL30030 Datasheet HTML 2Page - ON Semiconductor NCL30030 Datasheet HTML 3Page - ON Semiconductor NCL30030 Datasheet HTML 4Page - ON Semiconductor NCL30030 Datasheet HTML 5Page - ON Semiconductor NCL30030 Datasheet HTML 6Page - ON Semiconductor NCL30030 Datasheet HTML 7Page - ON Semiconductor NCL30030 Datasheet HTML 8Page - ON Semiconductor NCL30030 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
NCL30030
www.onsemi.com
5
Table 3. MAXIMUM RATINGS (Notes 1 through
6)
Rating
Pin
Symbol
Value
Unit
High Voltage Brownout Detector Input Voltage
1
VBO/HV
−0.3 to 700
V
High Voltage Brownout Detector Input Current
1
IBO/HV
20
mA
PFC Low Voltage Feedback Input Voltage
16
VPFB
−0.3 to 9
V
PFC Low Voltage Feedback Input Current
16
IPFB
0.5
mA
PFC Zero Current Detection and Current Sense Input Voltage (Note 1)
14
VPCS/PZCD
−0.3 to VPCS/PZCD(MAX)
V
PFC Zero Current Detection and Current Sense Input Current
14
IPCS/PZCD
−2/+5
mA
PFC Control Input Voltage
4
VPControl
−0.3 to 5
V
PFC Control Input Current
4
IPControl
10
mA
Supply Input Voltage
10
VCC(MAX)
−0.3 to 30
V
Supply Input Current
10
ICC(MAX)
30
mA
Supply Input Voltage Slew Rate
10
dVCC/dt
1
V/
ms
Fault Input Voltage
7
VFault
−0.3 to (VCC + 1.25)
V
Fault Input Current
7
IFault
10
mA
PFC Multiplier pin
3
VMULT
−0.3 to 10
V
PFC Multiplier pin
3
IMULT
3
mA
QR Flyback Zero Current Detection Input Voltage
9
VQZCD
−0.9 to (VCC + 1.25)
V
QR Flyback Zero Current Detection Input Current
9
IQZCD
−2/+5
mA
QR Feedback Input Voltage
6
VQCT
−0.3 to 10
V
QR Feedback Input Current
6
IQCT
10
mA
QR Flyback Current Sense Input Voltage
11
VQCS
−0.3 to 10
V
QR Flyback Current Sense Input Current
11
IQCS
10
mA
QR Flyback Feedback Input Voltage
8
VQFB
−0.3 to 10
V
QR Flyback Feedback Input Current
8
IQFB
10
mA
PFC Driver Maximum Voltage (Note 2)
13
VPDRV
−0.3 to VPDRV(high2)
V
PFC Driver Maximum Current
13
IPDRV(SRC)
IPDRV(SNK)
500
800
mA
Flyback Driver Maximum Voltage (Note 2)
12
VQDRV
−0.3 to VQDRV(high2)
V
Flyback Driver Maximum Current
12
IQDRV(SRC)
IQDRV(SNK)
500
800
mA
PFC ON/OFF Threshold Adjust Input Voltage
5
VPONOFF
−0.3 to 10
V
PFC ON/OFF Threshold Adjust Input Current
5
IPONOFF
10
mA
Operating Junction Temperature
N/A
TJ
−40 to 125
°C
Storage Temperature Range
N/A
TSTG
–60 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device
functionality should not be assumed, damage may occur and reliability may be affected.
1. VPCS/PZCD(MAX) is the maximum voltage of the pin shown in the electrical table. When the voltage on this pin exceeds 5 V, the pin sinks
a current equal to (VPCS/PZCD − 5 V)/(2 kW). A VPSC/PZCD of 7 V generates a sink current of approximately 1 mA.
2. Maximum driver voltage is limited by the driver clamp voltage, VXDRV(high2), when VCC exceeds the driver clamp voltage. Otherwise,
the maximum driver voltage is VCC.
3. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond
those indicated may adversely affect device reliability. Functional operation under absolute maximum–rated conditions is not implied.
Functional operation should be restricted to the Recommended Operating Conditions.
4. This device contains Latch−up protection and has been tested per JEDEC JESD78D, Class I and exceeds +100/−100 mA.
5. Low Conductivity Board. As mounted on 80 x 100 x 1.5 mm FR4 substrate with a single layer of 50 mm2 of 2 oz copper traces and heat
spreading area. As specified for a JEDEC51−1 conductivity test PCB. Test conditions were under natural convection of zero air flow.
6. Pin 1 is rated to the maximum voltage of the part, or 700 V.


Similar Part No. - NCL30030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
More results

Similar Description - NCL30030

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com