Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC786800E-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC786800E-H
Description  Compressed Audio signal Processor IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786800E-H Datasheet(HTML) 3 Page - ON Semiconductor

  LC786800E-H Datasheet HTML 1Page - ON Semiconductor LC786800E-H Datasheet HTML 2Page - ON Semiconductor LC786800E-H Datasheet HTML 3Page - ON Semiconductor LC786800E-H Datasheet HTML 4Page - ON Semiconductor LC786800E-H Datasheet HTML 5Page - ON Semiconductor LC786800E-H Datasheet HTML 6Page - ON Semiconductor LC786800E-H Datasheet HTML 7Page - ON Semiconductor LC786800E-H Datasheet HTML 8Page - ON Semiconductor LC786800E-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC786800E
No.A2082-3/26
<Audio output processing block>
 Analog Audio data output (One channel by stereo)
Eight-fold over-sampling digital filter (24bit)
Secondary LPF for audio output
 Electronic Volume/Fader
Output channel : Left Front (LF)/Left Rear (LR), Right Front (RF)/Right Rear (RR)
Output Range : 0dB to -90dB, -
0dB to -32dB : Analog control, 0.25dB step
-32dB to -70dB : Analog control, 1.0dB step
-70dB to -90dB : Digital attenuator control
Decrease the noise at the volume change timing by the digital and analog composite control.
Individual volume control for LF, LR, RF and RR output is available.
 Digital Audio data output (One channel by stereo)
Four lines interface, Format: IIS, MSB first right justified, etc.
External interface functions
<USB host control block>
 Open Host Controller Interface 1.0a
 Universal Serial Bus Specification 1.1
Supports up to Full speed (12MHz)for USB2.0
Only detection at the device insertion is available for Low speed specification.
 Supports four kinds of transfer type (Control/Bulk/Interrupt/Isochronous)
 Two USB ports
<SD memory card host control block>
 Multimedia Card Specification v2.11
 Secure Digital Memory Card Physical Layer Specification v0.96
* Individual contract is necessary to use SD memory card controller. For detail, please contact to us.
Internal Microcontroller functions
<Sequencer control>
 USB, SD memory card playback control
USB/SD files analysis, etc.
 Audio playback control
Various digital audio filter control, Electronic volume control, etc.
<Communication control between main controller>
 Communication format: SIO
<Peripheral interface block>
 GPIO port
37 ports maximum (Shared with other functions. Several pins are 5V tolerant.)
 External interrupt pins 4 pins maximum (Shared with other functions.)
 Serial interface
SIO
clock synchronized full duplex (3 lines)
3 channels
UART
full duplex
2 channels
IIC
master function
1 channel
<Program memory block>
 Flash memory
Program version up from the external media (USB/CDROM*) or main controller is available.
* The update of program from CDROM will only be available if CD system is used with this IC.
<Others>
 Watch Dog Timer
Notify to outside from the pin or reset internally.
 Power management
2 kinds of sleep mode
(1) Only CPU core operates at slow clock and clocks for other blocks are stopping.
(2) All clocks are stopping.


Similar Part No. - LC786800E-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
More results

Similar Description - LC786800E-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com