Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC717A00AJ Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC717A00AJ
Description  Capacitance-Digital-Converter LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC717A00AJ Datasheet(HTML) 5 Page - ON Semiconductor

  LC717A00AJ Datasheet HTML 1Page - ON Semiconductor LC717A00AJ Datasheet HTML 2Page - ON Semiconductor LC717A00AJ Datasheet HTML 3Page - ON Semiconductor LC717A00AJ Datasheet HTML 4Page - ON Semiconductor LC717A00AJ Datasheet HTML 5Page - ON Semiconductor LC717A00AJ Datasheet HTML 6Page - ON Semiconductor LC717A00AJ Datasheet HTML 7Page - ON Semiconductor LC717A00AJ Datasheet HTML 8Page - ON Semiconductor LC717A00AJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LC717A00AJ
No.A2089-5/11
Power-on Reset (POR)
When power is turned on, power-on reset is enabled inside the LSI and its state is released after a certain power-on reset
time, tPOR. Power-on reset operation condition: Power supply rise rate tVDD must be at least 1V/ms.
Since INTOUT pin changes from “High” to “Low” at the same time as the released of power-on reset state, it is
possible to verify the tPOR externally.
During power-on reset state, Cin, Cref and Pout are unknown.
fig.1
I
2C Compatible Bus Data Timing
fig.2
I
2C Compatible Bus Communication Formats
• Write format (data can be written into sequentially incremented addresses)
START
Slave Address
Write=L
Register Address (N)
ACK
ACK
Data written to Register Address (N) ACK
Data written to Register Address (N+1)
ACK STOP
Slave
Slave
Slave
Slave
fig.3
• Read format (data can be read from sequentially incremented addresses)
START
Slave Address
Write=L
Register Address (N)
ACK
ACK
Data read from Register Address (N)
ACK
RESTART
Slave Address
Read=H
ACK Data read from Register Address (N+1) ACK Data read from Register Address (N+2)
NACK STOP
Slave
Slave
Slave
Master
Master
Master
fig.4
SDA
SCL
START
condition
tHD;STA
tLOW
tHIGH
tr
repeated START
condition
STOP
condition
10%
tf
90%
10% 10%
90% 90%
tHD;DTA
tSU;DTA
10%
10%
10%
90%
tSU;STA
90%
90%
tHD;STA
90%
10%
90%
10%
90%
10%
tSU;STO
tBUF
START
condition
90%
POR
(LSI internal signal)
RELEASE
tPOR
VDD
RESET
tVDD
INTOUT
VPOROP
Cin,
Cref,
Pout
UNKNOWN
VALID
tPOROP
UNKNOWN
UNKNOWN
UNKNOWN
RESET
RELEASE
tPOR
VALID


Similar Part No. - LC717A00AJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ-AH ONSEMI-LC717A00AJ-AH Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
More results

Similar Description - LC717A00AJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
240Kb / 14P
   Capacitance-Digital-Converter LSI
May, 2014
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com