Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI8141 Datasheet(PDF) 9 Page - ON Semiconductor

Part # EMI8141
Description  Common Mode Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI8141 Datasheet(HTML) 9 Page - ON Semiconductor

  EMI8141 Datasheet HTML 1Page - ON Semiconductor EMI8141 Datasheet HTML 2Page - ON Semiconductor EMI8141 Datasheet HTML 3Page - ON Semiconductor EMI8141 Datasheet HTML 4Page - ON Semiconductor EMI8141 Datasheet HTML 5Page - ON Semiconductor EMI8141 Datasheet HTML 6Page - ON Semiconductor EMI8141 Datasheet HTML 7Page - ON Semiconductor EMI8141 Datasheet HTML 8Page - ON Semiconductor EMI8141 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EMI8141, EMI8142, EMI8143
http://onsemi.com
9
PACKAGE DIMENSIONS
XDFN16 3.5x1.35, 0.4P
CASE 711AW
ISSUE A
0.25
1.55
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1
0.55
15X
0.40
PITCH
0.65
12X
RECOMMENDED
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
16X
0.10
B
0.05
A
C
C NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
16X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
L
12X
1
8
9
16
DETAIL B
DETAIL A
DIM
MIN
MAX
MILLIMETERS
A
0.40
0.50
A1
0.00
0.05
A3
0.15 REF
b
0.15
0.25
D
3.50 BSC
L
0.40
0.60
E
1.35 BSC
e
0.40 BSC
L1
−−−
0.15
NOTE 4
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
e/2
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
EMI8141/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - EMI8141

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI8131 ONSEMI-EMI8131 Datasheet
186Kb / 8P
   Common Mode Filter
November, 2014 ??Rev. 0
EMI8131MUTAG ONSEMI-EMI8131MUTAG Datasheet
186Kb / 8P
   Common Mode Filter
November, 2014 ??Rev. 0
EMI8132 ONSEMI-EMI8132 Datasheet
186Kb / 8P
   Common Mode Filter
November, 2014 ??Rev. 0
EMI8132MUTAG ONSEMI-EMI8132MUTAG Datasheet
186Kb / 8P
   Common Mode Filter
November, 2014 ??Rev. 0
EMI8133 ONSEMI-EMI8133 Datasheet
186Kb / 8P
   Common Mode Filter
November, 2014 ??Rev. 0
More results

Similar Description - EMI8141

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
logo
LinkCom Manufacturing C...
LTC0551-50R LINKCOM-LTC0551-50R Datasheet
101Kb / 2P
   Common Mode Filter
LTC0361-50R LINKCOM-LTC0361-50R Datasheet
90Kb / 2P
   Common Mode Filter
LTC0535-50R LINKCOM-LTC0535-50R Datasheet
104Kb / 2P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com