Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5004A7H Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5004A7H
Description  Quartz Crystal Oscillator IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5004A7H Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM5004A7H Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5004A7H Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NIPPON PRECISION CIRCUITS-6
SM5004 Series
TEST CIRCUITS
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
C1: 0.001
µF
R1: 50
R2: 490
VOH
0V
Q output
Test Circuit 1
3.5 VP-P, 10MHz sine wave input signal
Test Circuit 3
3.5 VP-P, 30MHz sine wave input signal
Test Circuit 2
Test Circuit 4
Test Circuit 5
Test Circuit 6
Load Circuit 1
Load Circuit 2
VDD
VSS
Q
A
V
IOL, IZ
IZ
VOL
VOH
INH
Signal
Generator
VDD
VSS
XT
Q
R1
IDD
C1
C1: 0.001
µF
R1: 50
A
VDD
VSS
INH
IPR
RUP=
VDD
IPR
A
VDD
VSS
XT
XT
A
IRf
Rf=
VDD
IRf
VDD
VSS
INH
XT
Q
R1
10k
R2
10k
Notes
R1 : SM5004 3H
R2 : SM5004 1H
SM5004
5H
SM5004
7H
CL : 15pF(Including
proove capacity)
CL
Q output
CL
CL=15pF(Including
proove capacity)
Q output
VDD
CL
R
CL=15pF(Including
proove capacity)
R=800


Similar Part No. - SM5004A7H

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-13 DATATRONICS-SM500-13 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
More results

Similar Description - SM5004A7H

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
   Quartz Crystal Oscillator IC
SM5013 NPC-SM5013 Datasheet
68Kb / 10P
   Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
   Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
   LVDS-output Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com