Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37274EFSP Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37274EFSP Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M37274EFSP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37274EFSP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 147 page
background image
28
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
(4) Operating of 14-bit PWM
As with 8-bit PWM, set the bit 0 of the PWM mode register 1 (ad-
dress 020A16) to “0” (at reset, bit 0 is already set to “0” automati-
cally), so that the PWM count source is supplied. Pin DA is also used
as port P03. Select output mode by setting bit 3 of the port P0 direc-
tion register. Next, select the output polarity by bit 3 of the PWM
mode register 1. Then, the 14-bit PWM outputs from the D-A output
pin by setting bit 1 of the PWM mode register 1 to “0” (at reset, this bit
already set to “0” automatically) to select the DA output.
The output example of the 14-bit PWM is shown in Figure 23.
The 14-bit PWM divides the data of the DA latch into the low-order 6
bits and the high-order 8 bits.
The fundamental waveform is determined with the high-order 8-bit
data “DH.” A “H” level area with a length
τ ! DH(“H” level area of
fundamental waveform) is output every short area of “t” = 256
τ =
64
ms (τ is the minimum resolution bit width of 0.25 µs). The “H” level
area increase interval (tm) is determined with the low-order 6-bit data
“DL.” The “H” level are of smaller intervals “tm” shown in Table 6 is
longer by
τ than that of other smaller intervals in PWM repeat period
“T” = 64t. Thus, a rectangular waveform with the different “H” width is
output from the D-A pin. Accordingly, the PWM output changes by
τ
unit pulse width by changing the contents of the DA-H and DA-L
registers. A length of entirely “H” output cannot be output, i. e. 256/
256.
(5) Output after Reset
At reset, the output of ports P00–P02 and P04–P07 is in the high-
impedance state and the contents of the PWM register and the PWM
circuit are undefined. Note that after reset, the PWM output is unde-
fined until setting the PWM register.
PWM OUTPUT FUNCTION
The M37274EFSP is equipped with a 14-bit PWM (DA) seven 8-bit
PWMs (PWM0–PWM6). DA has a 14-bit resolution with the mini-
mum resolution bit width of 0.25
µs and a repeat period of
4096
ms (for f(XIN) = 8 MHz). PWM0–PWM6 have the same circuit
structure and an 8-bit resolution with minimum resolution bit width of
4
µs and repeat period of 1024 µs (for f(XIN) = 8 MHz) .
Figure 22 shows the PWM block diagram. The PWM timing generat-
ing circuit applies individual control signals to PWM0–PWM6 using
f(XIN) divided by 2 as a reference signal.
(1) Data Setting
When outputting DA, first set the high-order 8 bits to the DA-H regis-
ter (address 024016), then the low-order 6 bits to the DA-L register
(address 024116). When outputting PWM0–PWM6, set 8-bit output
data to the PWMi register (i means 0 to 6; addresses 020016 to
020616).
(2) Transmitting Data from Register to PWM circuit
Data transfer from the 8-bit PWM register to the 8-bit PWM circuit is
executed at writing data to the register.
The signal output from the 8-bit PWM output pin corresponds to the
contents of this register.
Also, data transfer from the DA register (addresses 024016 and
024116) to the 14-bit PWM circuit is executed at writing data to the
DA-L register (address 024116). Reading from the DA-H register (ad-
dress 024016) means reading this transferred data. Accordingly, it is
possible to confirm the data being output from the D-A output pin by
reading the DA register.
(3) Operating of 8-bit PWM
The following explains PWM operation.
First, set the bit 0 of PWM mode register 1 (address 020A16) to “0”
(at reset, bit 0 is already set to “0” automatically), so that the PWM
count source is supplied.
PWM0–PWM3 are also used as pins P04–P07, PWM4–PWM6 are
also used as pins P00–P02, respectively. Set the corresponding bits
of the port P0 direction register to “1” (output mode). And select each
output polarity by bit 3 of PWM mode register 1 (address 020A16).
Then, set bits 7 to 0 of PWM mode register 2 to “1” (PWM output).
The PWM waveform is output from the PWM output pins by setting
these registers.
Figure 23 shows the 8-bit PWM timing. One cycle (T) is composed
of 256 (28) segments. The 8 kinds of pulses, relative to the weight of
each bit (bits 0 to 7), are output inside the circuit during 1 cycle.
Refer to Figure 20 (a). The 8-bit PWM outputs waveform which is
the logical sum (OR) of pulses corresponding to the contents of bits
0 to 7 of the 8-bit PWM register. Several examples are shown in
Figure 23 (b). 256 kinds of output (HIGH area: 0/256 to 255/256) are
selected by changing the contents of the PWM register. A length of
entirely HIGH cannot be output, i.e. 256/256.


Similar Part No. - M37274EFSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37274EFSP RENESAS-M37274EFSP Datasheet
1Mb / 148P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37274EFSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com