Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE5TR1004 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE5TR1004
Description  75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5TR1004 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE5TR1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
PE5TR1004
PE5TR1004 REV 1.0
75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3
GHz PE5TR1004
URL: http://www.pasternack.com/75ohm-f-female-calibration-kit-component-load-3-ghz-pe5tr1004-p.aspx
75 Ohm F Female General Purpose Calibration Kit
Component Load Operating From DC to 3 GHz


Similar Part No. - PE5TR1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5TR1004 PASTERNACK-PE5TR1004 Datasheet
1Mb / 30P
   TECHNICAL DATA SHEET
More results

Similar Description - PE5TR1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5TR1005 PASTERNACK-PE5TR1005 Datasheet
507Kb / 5P
   75 Ohm F Male General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
PE5SC1004 PASTERNACK-PE5SC1004 Datasheet
419Kb / 4P
   75 Ohm F Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PE5SC2004 PASTERNACK-PE5SC2004 Datasheet
418Kb / 4P
   75 Ohm F Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC1005 PASTERNACK-PE5SC1005 Datasheet
419Kb / 4P
   75 Ohm F Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PE5SC2005 PASTERNACK-PE5SC2005 Datasheet
419Kb / 4P
   75 Ohm F Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
   3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5TR1003 PASTERNACK-PE5TR1003 Datasheet
512Kb / 5P
   3.5mm Male General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com