Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5221 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 1N5221
Description  Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N5221 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  1N5221_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N5221_15 Datasheet HTML 2Page - GOOD-ARK Electronics 1N5221_15 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted) Maximum V
F=1.1V at IF=200mA
e
p
y
T
r
e
b
m
u
n
r
e
n
e
z
l
a
n
i
m
o
N
e
g
a
t
l
o
v
)
3
(
I
t
a
T
Z
V
Z
)
s
t
l
o
V
(
t
n
e
r
r
u
c
t
s
e
T
I
T
Z
)
A
m
(
e
c
n
a
d
e
p
m
i
r
e
n
e
z
m
u
m
i
x
a
M
)
1
(
l
a
c
i
p
y
T
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
α
α
α
α
α
)
K
/
%
(
z
v
r
o
t
a
l
u
g
e
r
m
u
m
i
x
a
M
t
n
e
r
r
u
c
)
2
(
I
M
Z
)
A
m
(
e
s
r
e
v
e
r
m
u
m
i
x
a
M
t
n
e
r
r
u
c
e
g
a
k
a
e
l
I
t
a
T
Z
Z
T
Z
(
Ω)
I
t
a
K
Z
A
m
5
2
.
0
=
Z
K
Z
(
Ω)
I
R (u
)
A
e
g
a
t
l
o
v
t
s
e
T
V
R
)
s
t
l
o
V
(
1
2
2
5
N
14
.
20
20
30
0
2
15
8
0
.
0
--
0
0
10
.
1
2
2
2
5
N
15
.
20
20
30
5
2
15
8
0
.
0
--
0
0
10
.
1
3
2
2
5
N
17
.
20
20
30
0
3
10
8
0
.
0
--
5
70
.
1
4
2
2
5
N
18
.
20
20
30
0
4
10
8
0
.
0
--
5
70
.
1
5
2
2
5
N
10
.
30
29
20
0
6
15
7
0
.
0
-2
5
10
50
.
1
6
2
2
5
N
13
.
30
28
20
0
6
10
7
0
.
0
-8
3
15
20
.
1
7
2
2
5
N
16
.
30
24
20
0
7
15
6
0
.
0
-6
2
15
10
.
1
8
2
2
5
N
19
.
30
23
20
0
9
10
6
0
.
0
-5
1
10
10
.
1
9
2
2
5
N
13
.
40
22
20
0
0
25
5
0
.
0
-6
0
10
.
50
.
1
0
3
2
5
N
17
.
40
29
10
0
9
1
+
0
3
0
.
07
90
.
50
.
2
1
3
2
5
N
11
.
50
27
10
0
6
1
+
0
3
0
.
09
80
.
50
.
2
2
3
2
5
N
16
.
50
21
10
0
6
18
3
0
.
0
+1
80
.
50
.
3
3
3
2
5
N
10
.
60
27
0
0
6
18
3
0
.
0
+6
70
.
55
.
3
4
3
2
5
N
12
.
60
27
0
0
0
15
4
0
.
0
+3
70
.
50
.
4
5
3
2
5
N
18
.
60
25
0
5
70
5
0
.
0
+7
60
.
30
.
5
6
3
2
5
N
15
.
70
26
0
0
58
5
0
.
0
+1
60
.
30
.
6
7
3
2
5
N
12
.
80
28
0
0
52
6
0
.
0
+5
50
.
35
.
6
8
3
2
5
N
17
.
80
28
0
0
65
6
0
.
0
+2
50
.
35
.
6
9
3
2
5
N
11
.
90
20
10
0
68
6
0
.
0
+0
50
.
30
.
7
0
4
2
5
N
10
10
27
10
0
65
7
0
.
0
+5
40
.
30
.
8
1
4
2
5
N
11
10
22
20
0
66
7
0
.
0
+1
40
.
24
.
8
2
4
2
5
N
12
10
20
30
0
67
7
0
.
0
+8
30
.
11
.
9
3
4
2
5
N
13
15
.
93
10
0
69
7
0
.
0
+5
35
.
09
.
9
4
4
2
5
N
14
10
.
95
10
0
62
8
0
.
0
+2
31
.
00
1
5
4
2
5
N
15
15
.
86
10
0
62
8
0
.
0
+0
31
.
01
1
6
4
2
5
N
16
18
.
77
10
0
63
8
0
.
0
+8
21
.
02
1
7
4
2
5
N
17
14
.
79
10
0
64
8
0
.
0
+7
21
.
03
1
8
4
2
5
N
18
10
.
71
20
0
65
8
0
.
0
+5
21
.
04
1
9
4
2
5
N
19
16
.
63
20
0
66
8
0
.
0
+4
21
.
04
1
0
5
2
5
N
10
22
.
65
20
0
66
8
0
.
0
+3
21
.
05
1
1
5
2
5
N
12
26
.
59
20
0
67
8
0
.
0
+1
21
.
07
1
2
5
2
5
N
14
22
.
53
30
0
67
8
0
.
0
+1
.
9
11
.
08
1
3
5
2
5
N
15
20
.
55
30
0
69
8
0
.
0
+2
.
8
11
.
09
1
4
5
2
5
N
17
26
.
41
40
0
60
9
0
.
0
+8
.
6
11
.
01
2
5
5
2
5
N
18
25
.
44
40
0
61
9
0
.
0
+2
.
6
11
.
01
2
6
5
2
5
N
10
32
.
49
40
0
61
9
0
.
0
+1
.
5
11
.
03
2
7
5
2
5
N
13
38
.
38
50
0
72
9
0
.
0
+8
.
3
11
.
05
2
8
5
2
5
N
16
34
.
30
70
0
73
9
0
.
0
+6
.
2
11
.
07
2
9
5
2
5
N
19
32
.
30
80
0
84
9
0
.
0
+6
.
1
11
.
00
3
0
6
2
5
N
13
40
.
33
90
0
95
9
0
.
0
+6
.
0
11
.
03
3
1
6
2
5
N
17
47
.
25
0
10
0
0
15
9
0
.
0
+7
.
91
.
06
3
2
6
2
5
N
11
55
.
25
2
10
0
1
16
9
0
.
0
+9
.
81
.
09
3
3
6
2
5
N
16
52
.
20
5
10
0
3
16
9
0
.
0
+-
1
.
03
4
4
6
2
5
N
10
61
.
20
7
10
0
4
17
9
0
.
0
+-
1
.
06
4
5
6
2
5
N
12
60
.
25
8
10
0
4
17
9
0
.
0
+-
1
.
07
4
6
6
2
5
N
18
68
.
10
3
20
0
6
17
9
0
.
0
+-
1
.
02
5
7
6
2
5
N
15
77
.
10
7
20
0
7
18
9
0
.
0
+-
1
.
06
5
8
6
2
5
N
12
85
.
10
3
30
0
7
18
9
0
.
0
+-
1
.
02
6
9
6
2
5
N
17
84
.
10
7
30
0
0
29
9
0
.
0
+-
1
.
08
6
0
7
2
5
N
11
94
.
10
0
40
0
2
29
9
0
.
0
+-
1
.
09
6
1
7
2
5
N
10
0
13
.
10
0
50
0
3
20
0
1
.
0
+-
1
.
05
7
2
7
2
5
N
10
1
12
.
10
0
7-
0
0
1
.
0
+-
1
.
03
8
3
7
2
5
N
10
2
10
.
10
5
9-
0
0
1
.
0
+-
1
.
00
9
4
7
2
5
N
10
3
15
9
.
00
0
1
1-
0
1
1
.
0
+-
1
.
08
9
5
7
2
5
N
10
4
10
9
.
00
0
3
1-
0
1
1
.
0
+-
1
.
05
0
1
6
7
2
5
N
10
5
15
8
.
00
0
5
1-
0
1
1
.
0
+-
1
.
03
1
1
7
7
2
5
N
10
6
10
8
.
00
0
7
1-
5
1
1
.
0
+-
1
.
00
2
1
8
7
2
5
N
10
7
14
7
.
00
0
9
1-
5
1
1
.
0
+-
1
.
07
2
1
9
7
2
5
N
10
8
18
6
.
00
0
2
2-
0
2
1
.
0
+-
1
.
05
3
1
0
8
2
5
N
10
9
16
6
.
00
0
4
2-
0
2
1
.
0
+-
1
.
02
4
1
1
8
2
5
N
10
0
25
6
.
00
0
5
2-
0
2
1
.
0
+-
1
.
00
5
1
Notes:
1. The Zener Impedance is derived from the 1 KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current
(I
ZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate
unstable units.
2. Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
3. Measured with device junction in thermal equilibrium.
488


Similar Part No. - 1N5221_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Surge Components
1N5221-1N5281 SURGE-1N5221-1N5281 Datasheet
208Kb / 3P
   Silicin Planar Power Zener Diode
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - 1N5221_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
   Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com