Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM11Q-2RM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSM11Q-2RM
Description  NEMA 11 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSM11Q-2RM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSM11Q-2RM Datasheet HTML 1Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 2Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 3Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 4Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 5Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 6Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 7Page - List of Unclassifed Manufacturers TSM11Q-2RM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Part Number:
TSM11Q-2RM
Supply Voltage:
15-30 VDC
Supply Voltage Type:
DC
Control Modes:
Step & Direction
Streaming Commands
Encoder Following
Q Programming
Velocity Control
Modbus
Communication Ports:
RS-485
Encoder Feedback:
Yes
Setup Method:
Software setup
Digital Inputs:
4
Digital Outputs:
2
Analog Inputs:
none
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Status LEDs:
1 red, 1 green
Frame Size:
NEMA 11
Holding Torque:
11.3 oz-in
Step Angle:
1.8 deg
Rotor Inertia:
1.70E-04 oz-in-sec
Length:
2.08 inches
Weight:
5.9 oz
Operating Temperature
Range:
0-85 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Insulation Class:
Class B (130 ºC)
Specifications
2


Similar Part No. - TSM11Q-2RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM11Q-1RM ETC2-TSM11Q-1RM Datasheet
274Kb / 8P
   NEMA 11 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM11Q-3RM ETC2-TSM11Q-3RM Datasheet
277Kb / 8P
   NEMA 11 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
More results

Similar Description - TSM11Q-2RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM11Q-1RM ETC2-TSM11Q-1RM Datasheet
274Kb / 8P
   NEMA 11 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM11Q-3RM ETC2-TSM11Q-3RM Datasheet
277Kb / 8P
   NEMA 11 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM17Q-1AG ETC2-TSM17Q-1AG Datasheet
266Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM17Q-1RG ETC2-TSM17Q-1RG Datasheet
247Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-2AG ETC2-TSM23Q-2AG Datasheet
259Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-4RG ETC2-TSM23Q-4RG Datasheet
256Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM17Q-2AG ETC2-TSM17Q-2AG Datasheet
263Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM17Q-3RG ETC2-TSM17Q-3RG Datasheet
235Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM17Q-2RG ETC2-TSM17Q-2RG Datasheet
263Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-4AG ETC2-TSM23Q-4AG Datasheet
260Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com