Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1301550100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1301550100
Description  Safeway Single Receptacle with Locking Blade, 2 Pole/3 Wire, Non-NEMA, 125V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301550100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301550100 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301550100
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Safeway® Single Receptacle with Locking Blade, 2 Pole/3 Wire, Non-NEMA, 125V
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Wiring Devices
Series
130155
IP Rating
N/A
NEMA Configuration
Non-NEMA Locking
Overview
Heavy-Duty Industrial Wiring Devices
Product Name
Safeway®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678877525
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
50.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
6370CR
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130155 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn