Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5885NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS5885NL
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5885NL Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS5885NL Datasheet HTML 1Page - ON Semiconductor NVMFS5885NL Datasheet HTML 2Page - ON Semiconductor NVMFS5885NL Datasheet HTML 3Page - ON Semiconductor NVMFS5885NL Datasheet HTML 4Page - ON Semiconductor NVMFS5885NL Datasheet HTML 5Page - ON Semiconductor NVMFS5885NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFS5885NL
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
Figure 8. Gate−to−Source Voltage vs. Total
Charge
Qg, TOTAL GATE CHARGE (nC)
VDS = 48 A
ID = 15 A
TJ = 25°C
QT
Qgs
Qgd
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = 48 V
VGS = 4.5 V
ID = 15 A
td(off)
td(on)
tf
tr
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
1 ms
dc
10 ms
10 ms
0
200
400
600
800
1000
1200
1400
1600
0
1020304050
60
0
2
4
6
8
10
02468
10 12 14 16 18 20 22
1
10
100
1000
1
10
100
0
5
10
15
20
25
30
35
40
0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95
0.01
0.1
1
10
100
1000
0.1
1
10
100


Similar Part No. - NVMFS5885NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5826NL ONSEMI-NVMFS5826NL Datasheet
116Kb / 6P
   Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
   Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5826NLT3G ONSEMI-NVMFS5826NLT3G Datasheet
116Kb / 6P
   Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5826NLWFT1G ONSEMI-NVMFS5826NLWFT1G Datasheet
116Kb / 6P
   Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5826NLWFT3G ONSEMI-NVMFS5826NLWFT3G Datasheet
116Kb / 6P
   Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
More results

Similar Description - NVMFS5885NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com