Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDDL01N60Z Datasheet(PDF) 6 Page - ON Semiconductor

Part # NDDL01N60Z
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDDL01N60Z Datasheet(HTML) 6 Page - ON Semiconductor

  NDDL01N60Z Datasheet HTML 1Page - ON Semiconductor NDDL01N60Z Datasheet HTML 2Page - ON Semiconductor NDDL01N60Z Datasheet HTML 3Page - ON Semiconductor NDDL01N60Z Datasheet HTML 4Page - ON Semiconductor NDDL01N60Z Datasheet HTML 5Page - ON Semiconductor NDDL01N60Z Datasheet HTML 6Page - ON Semiconductor NDDL01N60Z Datasheet HTML 7Page - ON Semiconductor NDDL01N60Z Datasheet HTML 8Page - ON Semiconductor NDDL01N60Z Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NDDL01N60Z, NDTL01N60Z
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 13. Maximum Rated Forward Biased
Safe Operating Area for NDDL01N60Z
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1000
100
10
1
0.1
0.001
0.1
1
10
t, TIME (s)
1E−03
1E−01
1E−04
1E+00
1E−05
1E−02
1E−06
0.01
0.1
1
10
1E+01
1E+02
1E+03
Single Pulse
Duty Cycle = 0.5
0.20
0.10
0.05
0.02
0.01
RqJC steady state = 4.8°C/W
VGS ≤ 30 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
10
ms
100
ms
1 ms
10 ms
dc
0.01
t, TIME (s)
1E−03
1E−01
1E−04
1E+00
1E−05
1E−02
1E−06
0.01
0.1
1
100
1E+01
1E+02
1E+03
Single Pulse
Duty Cycle = 0.5
0.20
0.10
0.05
0.02
0.01
RqJA steady state = 62°C/W
Figure 14. Maximum Rated Forward Biased
Safe Operating Area for NDTL01N60Z
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1000
100
10
1
0.1
0.001
0.1
1
10
VGS ≤ 30 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
10
ms
100
ms
1 ms
10 ms
dc
0.01
Figure 15. Thermal Impedance (Junction−to−Case) for NDDL01N60Z
Figure 16. Thermal Impedance (Junction−to−Ambient) for NDTL01N60Z
10


Similar Part No. - NDDL01N60Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDDL01N60Z ISC-NDDL01N60Z Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
NDDL01N60Z-1 ISC-NDDL01N60Z-1 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDDL01N60Z

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com