Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890200PDR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV890200PDR2G
Description  2 A, 2 MHz Automotive Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890200PDR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV890200PDR2G Datasheet HTML 2Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 3Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 4Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 5Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 6Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 7Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 8Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 9Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCV890200
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (VIN = 4.5 V to 28 V, VEN = 5 V, VBST = VSW + 3.0 V, CDRV = 0.1 mF, Min/Max values are valid
for the temperature range −40
°C ≤ TJ ≤ 150°C unless noted otherwise, and are guaranteed by test, design or statistical correlation.)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
POWER SWITCH
ON Resistance
RDSON
VBST = VSW + 3.0 V
650
m
W
Leakage current VIN to SW
ILKSW
VEN = 0 V, VSW = 0, VIN = 18 V
10
mA
Minimum ON Time
tONMIN
Measured at SW pin
45
70
ns
Minimum OFF Time
tOFFMIN
Measured at SW pin
At FSW = 2 MHz (normal)
At FSW = 500 kHz (max duty cycle)
30
30
50
70
ns
PEAK CURRENT LIMIT
Current Limit Threshold
ILIM
2.2
2.45
2.7
A
SHORT CIRCUIT FREQUENCY FOLDBACK
Lowest Foldback Frequency
Lowest Foldback Frequency − High Vin
Hiccup Mode
FSWAF
FSWAFHV
FSWHIC
VFB = 0 V, 4.5 V < VIN < 18 V
VFB = 0 V, 20 V < VIN < 28 V
VFB = 0 V
400
200
24
500
250
32
600
300
40
kHz
GATE VOLTAGE SUPPLY (DRV pin)
Output Voltage
VDRV
3.1
3.3
3.5
V
DRV POR Start Threshold
VDRVSTT
2.7
2.9
3.05
V
DRV POR Stop Threshold
VDRVSTP
2.5
2.8
3.0
V
DRV Current Limit
IDRVLIM
VDRV = 0 V
16
45
mA
OUTPUT PRECHARGE DETECTOR
Threshold Voltage
VSSEN
20
35
50
mV
THERMAL SHUTDOWN
Activation Temperature (Note 1)
TSD
150
190
°C
Hysteresis (Note 1)
THYS
5
20
°C
1. Not tested in production. Limits are guaranteed by design.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV890200PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890201MWTXG ONSEMI-NCV890201MWTXG Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890203MWTXG ONSEMI-NCV890203MWTXG Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
More results

Similar Description - NCV890200PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890131 ONSEMI-NCV890131 Datasheet
157Kb / 19P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890231 ONSEMI-NCV890231 Datasheet
157Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com