Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV97310 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV97310
Description  3 Buck Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV97310 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV97310 Datasheet HTML 5Page - ON Semiconductor NCV97310 Datasheet HTML 6Page - ON Semiconductor NCV97310 Datasheet HTML 7Page - ON Semiconductor NCV97310 Datasheet HTML 8Page - ON Semiconductor NCV97310 Datasheet HTML 9Page - ON Semiconductor NCV97310 Datasheet HTML 10Page - ON Semiconductor NCV97310 Datasheet HTML 11Page - ON Semiconductor NCV97310 Datasheet HTML 12Page - ON Semiconductor NCV97310 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
NCV97310
www.onsemi.com
9
Table 4. ELECTRICAL CHARACTERISTICS (VBAT = VINL = 4.5 V to 28 V, VEN = VSTBYB = VEN2 = VEN3 = 5 V, VBSTx = VSWx +
3.0 V, CDRV1 = 0.1 mF, CDRV2 = 0.47 mF. Min/Max values are valid for the temperature range −40°C ≤ TJ ≤ 150°C unless noted otherwise,
and are guaranteed by test, design or statistical correlation.)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
OSCILLATOR
Switching Frequency − switcher 1
fSW1
fSW1(HV)
4.5 < VBAT < 18 V, ROSC = open
20 V < VBAT < 28 V, ROSC = open
1.8
0.9
2.0
1.0
2.2
1.1
MHz
Switching Frequency − switchers 2 & 3
fSW2, fSW3
ROSC = open
1.8
2.0
2.2
MHz
Switching Frequency − ROSC
fROSC
ROSC = 12.5 kW
2.3
2.5
2.8
MHz
ROSC reference voltage
VROSC
ROSC = 25 kW
0.9
1.0
1.1
V
VBAT OVERVOLTAGE SHUTDOWN MONITOR
Overvoltage Stop Threshold
VOV1SP
36
V
Overvoltage Start Threshold
VOV1ST
30
V
Overvoltage Hysteresis
VOV1HY
0.6
1.4
2.4
V
VBAT FREQUENCY FOLDBACK MONITOR
Frequency Foldback Threshold
VFL1U
VFL1D
VBAT rising
VBAT falling
18.4
18
20
19.8
V
Frequency Foldback Hysteresis
VFL1HY
0.2
0.3
0.4
V
SOFT−START
Soft−Start Completion Time
tSS1, tSS2, tSS3
0.8
1.4
2.0
ms
SLOPE COMPENSATION
Ramp Slope (Note 2) – switcher 1
(With respect to switch current)
Sramp1
Sramp1(HV)
4.5 < VBAT < 18 V
20 V < VBAT < 28 V
1.8
0.8
3.4
1.6
A/
ms
Ramp Slope (Note 2) – switchers 2 & 3
Sramp2
1.9
3.7
A/
ms
POWER SWITCH − SWITCHER 1
ON Resistance
RDS1ON
VBST1 = VSW1 + 3.0 V, ISW1 = 500 mA
185
360
m
W
Leakage current VBAT to SW1
ILKSW1
VEN = 0 V, VSW1 = 0, VBAT = 18 V
10
mA
Minimum ON Time
tON1MIN
Measured at SW1 pin
45
70
ns
Minimum OFF Time
tOFF1MIN
Measured at SW1 pin
30
50
70
ns
POWER SWITCHES − SWITCHER 2
High−Side ON Resistance
RHS2ON
VBST2 = VSW2 + 3.0 V,
ISW2 = 500 mA
165
300
m
W
Low−Side ON Resistance
RLS2ON
ISW2 = 500 mA
130
230
m
W
Leakage current high−side switch
ILKSW2
VEN2 = 0 V, VSW2 = 0, VIN2 = 5.5 V
5
mA
Minimum ON Time
tON2MIN
Measured at SW2 pin
60
80
95
ns
Minimum OFF Time
tOFF2MIN
Measured at SW2 pin
35
55
75
ns
Non−overlap time
tNOVLP
10
ns
POWER SWITCHES − SWITCHER 3
High−Side ON Resistance
RHS3ON
VBST3 = VSW3H + 3.0 V,
ISW3H = 500 mA
140
250
m
W
Low−Side ON Resistance
RLS3ON
ISW3L = 500 mA
130
230
m
W
Leakage current high−side switch
ILKSW3
VEN3 = 0 V, VSW3H = 0, VIN3 = 5.5 V
5
mA
Minimum ON Time
tON3MIN
Measured at SW3x pin
60
80
95
ns
Minimum OFF Time
tOFF3MIN
Measured at SW3x pin
35
55
75
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Not tested in production. Limits are guaranteed by design.
3. Minimum load parameters are only valid for the 5.0 V version, OPN: NCV97310MW50R2G


Similar Part No. - NCV97310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
NCV97311A ONSEMI-NCV97311A Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
NCV97311MW33R2G ONSEMI-NCV97311MW33R2G Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
NCV97311MW50AGEVB ONSEMI-NCV97311MW50AGEVB Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
NCV97311MW50AR2G ONSEMI-NCV97311MW50AR2G Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
More results

Similar Description - NCV97310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_13 Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com