Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3637S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF3637S
Description  30V P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3637S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF3637S_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3637S_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3637S_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3637S_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.goodark.com
Page 1 of 4
Rev.1.1
SSF3637S
30V P-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
SSF3637S
SSF3637S
SOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
ID(25)
-6.6
A
ID(70)
-5.2
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-30
A
Maximum Power Dissipation
PD
3.1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
75
℃/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
V
GENERAL FEATURES
● VDS =- 30V,ID =-10A
RDS(ON) < 70mΩ @ VGS=-4.5V
RDS(ON) < 45mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
DESCRIPTION
The SSF3637S uses advanced trench
technology to provide excellent RDS(ON)
and low gate charge .This device is
suitable for use as a load switch or in
PWM applications.
APPLICATIONS
●PWM applications
●Load switch
●Power management
Schematic Diagram
Marking and Pin Assignment
SOP-8 Top View
D
G
S


Similar Part No. - SSF3637S_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3637S SILIKRON-SSF3637S Datasheet
317Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF3637S GOOD-ARK-SSF3637S Datasheet
409Kb / 4P
   30V P-Channel MOSFET
More results

Similar Description - SSF3637S_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com