Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF4015 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF4015
Description  40V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4015 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF4015_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4015_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4015_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4015_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4015_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSF4015
40V P-Channel MOSFET
www.goodark.com
Page 3 of 5
Rev.1.1
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Maximum Body-Diode
Continuous Curren
20
A
VSD
Diode Forward Voltage
-0.74
1.2
V
TJ=25ْC,IS=-1A,VGS=0V
Test circuits and Waveforms
Switch Waveforms:
Notes:
①The maximum current rating is limited by bond-wires.
Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
⑤These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=175°C


Similar Part No. - SSF4015_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4015 SILIKRON-SSF4015 Datasheet
403Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF4015 GOOD-ARK-SSF4015 Datasheet
671Kb / 5P
   40V P-Channel MOSFET
More results

Similar Description - SSF4015_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
   40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
   40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
   40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4485 WHXPCB-AO4485 Datasheet
1Mb / 4P
   40V P-Channel MOSFET
AO4443 WHXPCB-AO4443 Datasheet
2Mb / 5P
   40V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4015 GOOD-ARK-SSF4015 Datasheet
671Kb / 5P
   40V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONR20485 AOSMD-AONR20485 Datasheet
390Kb / 6P
   40V P-Channel MOSFET
Rev.1.0: August 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com