Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V14000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1V14000
Description  0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 510 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V14000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1V14000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V14000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V14000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V14000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V14000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V14000 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• 510 MHz to 550 MHz Bandwidth
• -106 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 3.5v
• Pout = +6.5 dBm
• Harmonics = -22 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard Mounting Footprint
• Designed to meet MIL-STD-202 Environmental Condi-
tions
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE1V14000 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which covers a 510 MHz to 550 MHz
frequency band with a voltage tuning range from 0.0V to 3.5V. This design features exceptional phase noise performance of
-106 dBc/Hz @ 10 kHz offset. Supply Voltage is +15V with a generated output power level of +6.5 dBm and 2nd harmonic
output of -22 dBc typical. The VCO has a buffer amplifier for increased design flexibility. The assembly is RoHs compliant
and available in a compact 0.5 inch SMT package with an industry standard mounting footprint. The bottom surface is copper
clad with 2-5 micro inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which makes it resistant to
oxidation for ease of soldering. The VCO operates over a temperature range of -40°C to +85°C and is designed to meet a
variety of MIL-STD-202 test conditions including Humidity, Shock, and Vibration.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
510
550
MHz
Tuning Voltage
0
3.5
Vdc
Supply Voltage (DC)
4.5
5
5.5
Vdc
Supply Current (DC)
11.5
13
mA
Phase Noise @ 1kHz Offset
-82
-80
dBc/Hz
Phase Noise @ 10kHz Offset
-106
-104
dBc/Hz
Phase Noise @ 100kHz Offset
-127
-124
dBc/Hz
Output Power
+5
+6.5
+7.5
dBm
Tuning Sensitivity (Kvco)
24
26
MHz/V
Pushing
1.5
2.5
MHz/Volt
Pulling (pk-pk)
800
1.5
KHz
Tuning Port Capacitance
56
pF
Load Impedance
50
Ohms
2nd Harmonics
-22
-20
dBc
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From
510 MHz to 550 MHz With Phase Noise of -106 dBc/Hz PE1V14000
PE1V14000 REV 1.0
0.5 inch Commercial Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 510 MHz to
550 MHz With Phase Noise of -106 dBc/Hz
Voltage Control Oscillators Technical Data Sheet
PE1V14000


Similar Part No. - PE1V14000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14000 PASTERNACK-PE1V14000_16 Datasheet
979Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 510 MHz to 550 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Package
More results

Similar Description - PE1V14000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V15000 PASTERNACK-PE1V15000 Datasheet
661Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 305 MHz
PE1V13000 PASTERNACK-PE1V13000 Datasheet
489Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz
PE1V14001 PASTERNACK-PE1V14001 Datasheet
664Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 950 MHz
PE1V13008 PASTERNACK-PE1V13008 Datasheet
458Kb / 5P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz
PE1V14006 PASTERNACK-PE1V14006 Datasheet
659Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz
PE1V11012 PASTERNACK-PE1V11012 Datasheet
671Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 300 MHz to 400 MHz
PE1V11024 PASTERNACK-PE1V11024 Datasheet
566Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz
PE1V14005 PASTERNACK-PE1V14005 Datasheet
558Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz
PE1V14002 PASTERNACK-PE1V14002 Datasheet
662Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.57 GHz
PE1V14009 PASTERNACK-PE1V14009 Datasheet
651Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com