Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91295 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91295
Description  2.92mm Female to 2.4mm Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91295 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91295 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91295 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91295 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at +25 °C, sea level
2.92mm Female to 2.4mm Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in
the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Female to 2.4mm Female Adapter PE91295
URL:
http://www.pasternack.com/2.92mm-female-2.4mm-female-straight-adapter-pe91295-p.aspx
PE91295
PE91295 REV 1
2.92mm Female to 2.4mm Female Adapter


Similar Part No. - PE91295

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9129 PASTERNACK-PE9129 Datasheet
237Kb / 2P
   HN Female to BNC Male Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
   SMA Female to SMA Female 2 Hole Flange Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
   3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
   3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
   3.5mm Male to 2.4mm Female Adapter
More results

Similar Description - PE91295

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
   Precision 2.92mm Female to 2.4mm Female Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
   2.92mm Female to 2.4mm Male Adapter
PE91297 PASTERNACK-PE91297 Datasheet
340Kb / 3P
   2.92mm Male to 2.4mm Female Adapter
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
   Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
   Precision 2.92mm Male to 2.4mm Female Adapter
logo
Amphenol SV Microwave
1116-6092 SVMICROWAVE-1116-6092 Datasheet
603Kb / 1P
   2.4mm FEMALE TO 2.92mm FEMALE 2 HOLE FLANGE ADAPTER
04/21
logo
Pasternack Enterprises,...
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
   Precision 2.92mm Female to 2.4mm Male Adapter
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
   Precision 2.4mm Female to 2.4mm Female Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
   Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com