Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC823433TA Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC823433TA
Description  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823433TA Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC823433TA Datasheet HTML 6Page - ON Semiconductor LC823433TA Datasheet HTML 7Page - ON Semiconductor LC823433TA Datasheet HTML 8Page - ON Semiconductor LC823433TA Datasheet HTML 9Page - ON Semiconductor LC823433TA Datasheet HTML 10Page - ON Semiconductor LC823433TA Datasheet HTML 11Page - ON Semiconductor LC823433TA Datasheet HTML 12Page - ON Semiconductor LC823433TA Datasheet HTML 13Page - ON Semiconductor LC823433TA Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LC823433TA
www.onsemi.com
10
Block Diagram
PLL1
XT1
32.768kHz
Sanyo 32bit DSP
LPDSP32
Audio Buffer
(Write To,
Read From
DMA)
PLL2
ROM
(3KB)
Plain
Timer0
Multiple
Timer
SD I/F
eSIO
(SIO1)
UART
10bit
A/D
RTC
16bit
A/D
16bit D/A
(2ch/BTL)
LPF
GPIO
eSD
eMMC
LCD
IRQ 15ch
Audio Clock0
JTAG
PWM
PWM
XT2
PGA(ALC)
-12 to 35.25dB
VDD1
VDD2
AVDDADC
AVDDSPAMP
VDDLCD
Logic
I/O
10bit A/D
LCDCTL
VDDRTC
AVDDPLL1
AVDDPLL2
PLL1
PLL2
Firmware DL
etc
Ch0
Ch1
PRG
DMIO
SRAM
(35KB)
+
(40KB)
MIC
1
3
I
2C
Note
- Refer to the pin assignment for port share
- ISOLATED SRAMs and ROMs described in this figure can be power off by a register,
in addition to the tiny SRAMs (not described in this figure) in the SD I/F, USB2.0, SRC, 16bit D/A, DF.
Digital MIC IF
S/P
PCM0 IN
P/S
PCM0 OUT
S/P
PCM1 IN
P/S
PCM1 OUT
PDM
LPF
“Lch” or “+”
“Rch”
Speaker
HeadPhone
“-”
“+”
40
64
32
ROM
(227.5KB)
SRAM
(154KB)
+
(16KB)
SRAM
(1KB)
ROM
(34KB)
PM
DMA
DMB
Plain
Timer1
LCD
CTL
LCD
18seg × 8com or
36seg × 4com(TBD)
FUNCCLK1
FUNCCLK1
eSIO
(SIO0)
S-Flash Boot
etc
SIO
Ch0
SIO
Ch1
eMMC/eSD Boot
XT1
RCOSC
XT2
System Clock
Boot monitor
etc
“Lch”
“Rch”
AVDDADAC
AVDDAADC
USB2.0
HS
Device
USB2.0
PHY
XT2
or
XT2/2
AVDDPHY1
AVDDPHY2
DMB
DMA
32
64
ISOLATED
ISOLATED
ISOLATED
ISOLATED
ISOLATED
0/18/24/30dB
MIC AMP
-12 to 35.25dB
MIC
0/18/24/30dB
MIC AMP
16bit
A/D
MUX
DF + ALC
PGA(ALC)
Dig
MIC
ISOLATED
ISOLATED
1 to 4.5dB
0 to 3dB(Lch, Rch common)
OSCCON
(System)
OSCCON
(Audio)
Peripheral0 Clock
Peripheral1 Clock
Peripheral2 Clock
FUNCCLK1
OSCCON
(FUNC)
FUNCCLK0
Audio Clock1
MCLK0, MCLK1
BCK0, BCK1
XT1
XT2
System Clock
XT1
XT2
System Clock
ON Semiconductor
32bit DSP
LPDSP32


Similar Part No. - LC823433TA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823430TA ONSEMI-LC823430TA Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823430TA-2H ONSEMI-LC823430TA-2H Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results

Similar Description - LC823433TA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com