Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887700D1R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV887700D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887700D1R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV887700D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887700D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCV8877
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 3.6 V < VOUT < 40 V, unless otherwise specified) Min/Max values are
guaranteed by test, design or statistical correlation.
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
VOLTAGE ERROR OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
GDRV Switching Delay
VOUT < VOUT,des or when IC DISB goes
from low to high with Vc pin compensation
network disconnected
55
64
ms
GATE DRIVER
Sourcing Current
Isrc
VDRV ≥ Typical Driving Voltage Specifica-
tion, VDRV − VGDRV = 2 V
550
800
mA
Sinking Current
Isink
VGDRV ≥ 2 V
480
600
mA
Driving Voltage Dropout (Note 2)
Vdrv,do
VOUT − VDRV, IvDRV = 25 mA
0.3
0.6
V
Driving Voltage Source Current
Idrv
VOUT − VDRV = 1 V
35
45
mA
Backdrive Diode Voltage Drop
Vd,bd
VDRV – VOUT, Id,bd = 5 mA
0.7
V
Driving Voltage
VDRV
IVDRV = 0.1 − 25 mA
5.8
6.0
6.2
V
Pull−down Resistance
21
k
W
UVLO
Undervoltage Lock−out,
Threshold Voltage
Vuvlo
VOUT falling
3.60
3.80
4.00
V
Undervoltage Lock−out,
Hysteresis
Vuvlo,hys
VOUT rising
330
450
570
mV
THERMAL SHUTDOWN
Thermal Shutdown Threshold (Note
2)
Tsd
TJ rising
160
170
180
°C
Thermal Shutdown Hysteresis (Note
2)
Tsd,hys
TJ falling
10
15
20
°C
Thermal Shutdown Delay (Note 2)
tsd,dly
From TJ > Tsd to stop switching
100
ns
VOLTAGE REGULATION
Voltage Regulation
VOUT,reg
NCV887700
NCV887701
NCV887720
NCV887740
6.66
6.66
9.80
11.76
6.80
6.80
10.00
12.00
6.94
6.94
10.20
12.24
V
Threshold IC Enable
VOUT descending
NCV887700
NCV887701
NCV887720
NCV887740
7.10
7.10
10.36
12.64
7.30
7.30
10.65
13.00
7.50
7.50
10.94
13.36
V
Threshold IC Disable
VOUT ascending
NCV887700
NCV887701
NCV887720
NCV887740
7.55
7.55
10.96
13.40
7.75
7.75
11.25
13.75
7.95
7.95
11.54
14.10
V
Threshold IC Enable – Voltage Reg-
ulation
NCV887700
NCV887701
NCV887720
NCV887740
0.32
0.32
0.39
0.52
0.5
0.5
0.6
0.8
V
Threshold IC Disable – Threshold
IC Enable
NCV887700
NCV887701
NCV887720
NCV887740
0.4
0.4
0.5
0.7
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Not tested in production. Limits are guaranteed by design.


Similar Part No. - NCV887700D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887700D1R2G ONSEMI-NCV887700D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887700D1R2G ONSEMI-NCV887700D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
More results

Similar Description - NCV887700D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com