Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81253MNTBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP81253MNTBG
Description  5 V MOSFET Driver Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81253MNTBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP81253MNTBG Datasheet HTML 1Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 2Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 3Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 4Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 5Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 6Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 7Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 8Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP81253
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 2. Standby Current vs. Temperature
(VCC = 5 V, EN = 5 V, PWM = 0 V)
Figure 3. Supply Current vs. Switching
Frequency (VCC = 5 V, Cload = 3 nF)
AMBIENT TEMPERATURE (
°C)
SWITCHING FREQUENCY (kHz)
80
100
60
40
20
0
−20
−40
0.7
0.8
0.9
1.0
1.1
1.2
900
800
700
500
400
300
200
100
0
5
10
15
20
25
35
40
Figure 4. VCC UVLO vs. Temperature
(EN = 5 V)
Figure 5. PWM Low/Mid Thresholds vs.
Temperature (VCC = 5 V)
AMBIENT TEMPERATURE (
°C)
AMBIENT TEMPERATURE (
°C)
80
60
40
100
20
0
−20
−40
3.7
3.9
4.1
4.3
4.5
4.7
100
80
60
40
20
0
−20
−40
0.5
0.7
0.9
1.1
1.3
1.5
Figure 6. PWM Mid/High Thresholds vs.
Temperature (VCC = 5 V)
Figure 7. Enable Low/Mid Thresholds vs.
Temperature (VCC = 5 V)
AMBIENT TEMPERATURE (
°C)
AMBIENT TEMPERATURE (
°C)
80
60
40
100
20
0
−20
−40
2.5
2.7
2.9
3.1
3.3
3.5
100
80
60
40
20
0
−20
−40
0.5
0.7
0.9
1.1
1.3
1.5
600
1000
30
Rising
Falling
Rising
Falling
Rising
Falling
Rising
Falling


Similar Part No. - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results

Similar Description - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP5911 ONSEMI-NCP5911 Datasheet
130Kb / 9P
   IMVP7.0 Compatible Synchronous Buck MOSFET Driver
February, 2011 ??Rev. 1
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com