Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6915 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6915
Description  6 Channels PMIC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6915 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6915 Datasheet HTML 6Page - ON Semiconductor NCP6915 Datasheet HTML 7Page - ON Semiconductor NCP6915 Datasheet HTML 8Page - ON Semiconductor NCP6915 Datasheet HTML 9Page - ON Semiconductor NCP6915 Datasheet HTML 10Page - ON Semiconductor NCP6915 Datasheet HTML 11Page - ON Semiconductor NCP6915 Datasheet HTML 12Page - ON Semiconductor NCP6915 Datasheet HTML 13Page - ON Semiconductor NCP6915 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NCP6915
http://onsemi.com
10
As the default configuration factory is programmed with
disable state for the DCDC and LDOs, an I2C access must
be done at the end of the bias time to enable the supplies.
In addition a user programmable delay will also take place
between end of Core circuitry turn on (Bias time) and Start
up time: The PowerSupplies_T[2..0] bits of TIME register
will set this user programmable delay with a 128
ms
resolution (note: please contact your ON Semiconductor
representative for additional resolution options). The output
discharge of the DCDC and LDOs are done during this time
slot. NOTE: During the Bias time, the I2C interface is not
active during the first 50
ms. Any I2C request to the IC during
this time period will result in a NACK reply.
However, I2C registers can be read and written while
HWEN pin is still low (except blanking time of 50
ms
typical). By programming the appropriate registers (see
registers description section), the power up sequence default
can be modified and set upon requirements (please contact
your ON representative for additional PUS options)
O
F
F
M
O
D
E
POR
UVLO
HWEN
(DCDC _T[2:0] + 1) x
128
ms*
DVS ramp
Time
70
us
typ
VIN1, VIN2
VOUT DCDC
Soft start 90%
Bias
Time
(LDO x_T[2:0] + 1) x
128
ms*
VOUT LDOx
128 us
I
@C
S
L
E
E
P
M
O
D
E
600
ms
min
Figure 4. Sleep Mode PUS (SMPUS)
A third turn on sequence is also available by I2C. Indeed
each power supply can be turn off/on through I2C register.
In this case no biasing time is required except for DCDC bias
time (32
ms typical).
POR
UVLO
HWEN
DVS ramp
Time
VIN1, VIN2
VOUT DCDC
Soft start 90%
VOUT LDOx
128 us
I
@C
LDOx,
DCDC
OFF/
ON
Bias time
32
ms
Figure 5. ON Mode PUS (OPUS)
Shutdown by HWEN
When HWEN is tied low, all supplies are disabled with
reverted turn on sequence detailed in default Power Up
Sequencer table. If different turn off sequence is required, a
different programming can be done by I2C.
DCDC Converter
The converter can operate in two modes: PWM mode and
PFM mode. In PWM mode the converter operates at a fixed
frequency and adapts its duty cycle to regulate to the desired
output voltage. The advantage of this mode is that the EMI
noise is predictable. However, at lower loadings the
efficiency is degraded. In PFM mode some switching pulses
are skipped to control the output voltage. This allows
maintaining high efficiency even at low loadings. In
addition, no high frequency clock is required which
provides additional current savings. The switchover point
between both modes is chosen depending on the supply
conditions such that highest efficiency is obtained over the
entire load range.
The switch over between PWM/PFM modes can occur
automatically but the switcher can be set in auto switching
mode PFM / PWM by I2C programming.
A soft start is provided to limit inrush currents when
enabling the converters. The soft start consists of ramping
gradually the reference to the switcher.
Additional current limitation is provided by a peak current
limiter that monitors and limits the current through the
inductor.
DCDC converter output voltage can be set by I2C
MODEDCDC bit is used to program switcher mode
control


Similar Part No. - NCP6915

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP691 ONSEMI-NCP691 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP691 ONSEMI-NCP691 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
NCP6914AFCAT1G ONSEMI-NCP6914AFCAT1G Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
NCP6914AFCBT1G ONSEMI-NCP6914AFCBT1G Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
More results

Similar Description - NCP6915

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
   76 Channels PMIC for DSC
logo
SamHop Microelectronics...
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
   6 CHANNELS VOLUME CONTROLLER
SM7346 SAMHOP-SM7346 Datasheet
302Kb / 18P
   6 CHANNELS VOLUME CONTROLLER
logo
Linear Technology
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
SHANGHAI BELLING CO., L...
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
   6-Channels WLED Linear Driver
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
   654 Channels PMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com