Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3135MNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3135MNTXG
Description  5 A Integrated Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3135MNTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3135MNTXG Datasheet HTML 3Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 4Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 5Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 9Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 10Page - ON Semiconductor NCP3135MNTXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCP3135
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. Efficiency at Auto CCM/DCM Mode
Vin = 3.3 V
Figure 5. Efficiency at FCCM Mode Vin = 3.3 V
OUTPUT CURRENT (A)
5.0
2.5
2.0
1.5
1.0
0.5
0
80
82
86
88
90
94
96
98
Figure 6. Efficiency at Auto CCM/DCM Mode
Vin = 5.0 V
Figure 7. Efficiency at FCCM Mode Vin = 5.0 V
Figure 8. Load Regulation
(output current vs. output voltage)
Figure 9. Line Regulation
(input voltage vs. output voltage)
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
5.0
2.5
2.0
1.5
1.0
0.5
0
0
0.05
0.15
0.25
0.30
0.40
0.50
5.4
4.9
4.4
3.9
3.4
2.9
0
0.50
1.00
1.50
84
92
VOUT = 2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
OUTPUT CURRENT (A)
5.0
2.5
2.0
1.5
1.0
0.5
0
80
82
86
88
90
94
96
98
84
92
VOUT = 2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
OUTPUT CURRENT (A)
5.0
2.5
2.0
1.5
1.0
0.5
0
80
82
86
88
90
94
96
98
84
92
VOUT = 3.3 V
1.8 V
1.5 V
1.2 V
1.0 V
OUTPUT CURRENT (A)
5.0
2.5
2.0
1.5
1.0
0.5
0
80
82
86
88
90
94
96
98
84
92
VOUT = 3.3 V
1.8 V
1.5 V
1.2 V
1.0 V
0.25
0.75
1.25
Vin = 5 V FCCM
Vin = 5 V Auto CCM/DCM
Vin = 3.3 V FCCM and Vin = 3.3 V Auto CCM/DCM
1.5 V, 0 A, FCCM
1.5 V, 0 A, Auto CCM/DCM
3.0
3.5
4.0
4.5
3.0
3.5
4.0
4.5
3.0
3.5
4.0
4.5
2.5 V
2.5 V
3.0
3.5
4.0
4.5
3.0
3.5
4.0
4.5
0.10
0.20
0.35
0.45
1.5 V, 5 A, FCCM
1.5 V, 5 A, Auto CCM/DCM


Similar Part No. - NCP3135MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
More results

Similar Description - NCP3135MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com