Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1855FCCT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1855FCCT1G
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1855FCCT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1855FCCT1G Datasheet HTML 1Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 2Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 3Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NCP1855
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Type
Description
A1
IN
POWER
Battery Charger Input. These two pins must be decoupled by at least 1
mF capacitor and
connected together.
A2
IN
POWER
A3
SPM
DIGITAL INPUT
System Power Monitor input.
A4
SDA
DIGITAL
BIDIRECTIONAL
I2C data line
A5
SCL
DIGITAL INPUT
I2C clock line
B1
CAP
POWER
CAP pin is the intermediate power supply input for all internal circuitry. Bypass with at
least 4.7
mF capacitor. Must be tied together.
B2
CAP
POWER
B3
OTG
DIGITAL INPUT
Enables OTG boost mode.
OTG = 0, the boost is powered OFF
OTG = 1 turns boost converter ON
B4
ILIM2
DIGITAL INPUT
Automatic charge current / Input current limiter level selection (can be defeated by I2C).
B5
FLAG
OPEN DRAIN
OUTPUT
Charging state active low. This is an open drain pin that can either drive a status LED or
connect to interrupt pin of the system.
C1
SW
ANALOG OUTPUT
Connection from power MOSFET to the Inductor.
These pins must be connected together.
C2
SW
ANALOG OUTPUT
C3
AGND
ANALOG GROUND
Analog ground / reference. This pin should be connected to the ground plane and must
be connected together.
C4
ILIM1
DIGITAL INPUT
Input current limiter level selection (can be defeated by I2C).
C5
FTRY
DIGITAL INPUT
Factory mode pin. Refer to section “Factory mode and no battery operation”. Internally
pulled up to CORE pin.
D1
PGND
POWER GND
Power ground. These pins should be connected to the ground plane and must be
connected together.
D2
PGND
POWER GND
D3
SENSP
ANALOG INPUT
Current sense input. This pin is the positive current sense input. It should be connected to
the RSENSE resistor positive terminal.
D4
SENSN
ANALOG INPUT
Current sense input. This pin is the negative current sense input. It should be connected
to the RSENSE resistor negative terminal. This pin is also voltage sense input of the volt-
age regulation loop when the FET is present and open.
D5
FET
ANALOG OUTPUT
Battery FET driver output. When not used, this pin must be directly tied to ground.
E1
CBOOT
ANALOG IN/OUT
Floating Bootstrap connection. A 10 nF capacitor must be connected between CBOOT
and SW.
E2
TRANS
ANALOG OUTPUT
Output supply to USB transceiver. This pin can source a maximum of 50 mA to the
external USB PHY or any other IC that needs +5 V USB. This pin is Overvoltage
protected and will never be higher than 5.5 V. This pin should be bypassed by a 100 nF
ceramic capacitor.
E3
CORE
ANALOG OUTPUT
5 V reference voltage of the IC. This pin should be bypassed by a 2.2
mF capacitor.
No load must be connected to this pin.
E4
WEAK
ANALOG OUTPUT
Weak battery charging current source input.
E5
BAT
ANALOG INPUT
Battery connection


Similar Part No. - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855FCCT1G ONSEMI-NCP1855FCCT1G Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
More results

Similar Description - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com