Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1855FCCT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1855FCCT1G
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1855FCCT1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1855FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 9Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 10Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 11Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP1855
http://onsemi.com
8
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to +125°C for VIN between 3.9 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
BOOST CONVERTER AND OTG MODE
VIBSTL
Boost minimum input
operating range
Boost start−up
3.1
3.2
3.3
V
Boost running
2.9
3
3.1
V
VIBSTH
Boost maximum input
operating range
4.4
4.5
4.6
V
VOBST
Boost Output Voltage
DC value measured on CAP pin, no load
5.00
5.1
5.15
V
VOBSTAC
Boost Output Voltage accuracy
Measured on CAP pin Including line and load
regulation
−3
3
%
IBSTMX
Output current capability
Configured Mode
1000
mA
Un−configured Mode
150
mA
FSWBST
Switching Frequency
1.35
1.5
1.65
MHz
IBPKM
Maximum peak inductor current
2.5
A
VOBSTOL1
Boost overload
Voltage on CAP pin, falling
4.5
4.6
4.65
V
VOBSTOL2
Un−configured Mode, falling, Voltage on IN pin
4.3
4.4
4.5
TOBSTOL
Boost start−up time
From OTG enable to VIN > VOBSTOL
32
ms
IBSTPRE
Boost Pre−charge current
Un−configured Mode, Measured on IN pin
RLOAD = 29
W, CLOAD = 10 mF
350
mA
Configured Mode, Measured on IN pin
RLOAD = 5.1
W, CLOAD = 10 mF
1.1
A
TBSTPRE
Boost Rise time
Configured Mode,
Measured on
VIN, VIN rising
(see Figure 3)
RLOAD =
∞,
CLOAD = 1
mF
0.3
4
ms
RLOAD = 5.1
W,
CLOAD = 10
mF
VOBSTOV
Overvoltage protection
VIN rising
5.55
5.65
5.75
V
Hysteresis
25
75
125
mV
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Figure 3. Boost Test Schematic
90%
10%
CLOAD
RLOAD
VIN
VIN
TBSTPRE


Similar Part No. - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855FCCT1G ONSEMI-NCP1855FCCT1G Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
More results

Similar Description - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com