Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCD9830 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCD9830
Description  8-Bit, 8-Channel ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCD9830 Datasheet(HTML) 1 Page - ON Semiconductor

  NCD9830 Datasheet HTML 1Page - ON Semiconductor NCD9830 Datasheet HTML 2Page - ON Semiconductor NCD9830 Datasheet HTML 3Page - ON Semiconductor NCD9830 Datasheet HTML 4Page - ON Semiconductor NCD9830 Datasheet HTML 5Page - ON Semiconductor NCD9830 Datasheet HTML 6Page - ON Semiconductor NCD9830 Datasheet HTML 7Page - ON Semiconductor NCD9830 Datasheet HTML 8Page - ON Semiconductor NCD9830 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2013
November, 2013 − Rev. 3
1
Publication Order Number:
NCD9830/D
NCD9830
8-Bit, 8-Channel ADC with
I2C Serial Interface
The NCD9830 is a two−wire serially programmable analog to
digital converter. It can monitor 8 analog inputs to 8−bit resolution.
Each channel is selected using the I2C interface and can also be
configured to be a single ended or differential type measurement.
Communication with the NCD9830 is accomplished via the I2C
interface which is compatible with industry standard protocols.
Through this interface configuration of the NCD9830 is achieved.
This allows the user to read the current measurement for the selected
channel, change to an external reference and modify the measurement
type (single ended or differential).
The NCD9830 is available in a 16−lead TSSOP package and
operates over a wide supply range of 2.7 to 5.5 V.
Features
8−bit ADC
8 Single−ended Inputs/4 Differential Inputs
2.7 V to 5.5 V Operation
Built in 2.5 V Reference
2 Address Selection Pins
Low Power Consumption
I2C Compliant Interface − Standard, Fast and High Speed Modes
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MARKING
DIAGRAM
TSSOP−16
DT SUFFIX
CASE 948F
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
1
16
NCD
9830
ALYWG
G
1
16
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(*Note: Microdot may be in either location)


Similar Part No. - NCD9830

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD98010 ONSEMI-NCD98010 Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98010XDPT3G ONSEMI-NCD98010XDPT3G Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98010XMXTAG ONSEMI-NCD98010XMXTAG Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98011 ONSEMI-NCD98011 Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98011XDPT3G ONSEMI-NCD98011XDPT3G Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
More results

Similar Description - NCD9830

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
   8-CHANNEL 8-BIT ADC?
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
   8-CHANNEL 8-BIT ADC
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Asahi Kasei Microsystem...
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
logo
Maxim Integrated Produc...
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com