Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV0104CS Datasheet(PDF) 6 Page - ON Semiconductor

Part # LV0104CS
Description  Ambient Light Sensor, I2C Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV0104CS Datasheet(HTML) 6 Page - ON Semiconductor

  LV0104CS Datasheet HTML 1Page - ON Semiconductor LV0104CS Datasheet HTML 2Page - ON Semiconductor LV0104CS Datasheet HTML 3Page - ON Semiconductor LV0104CS Datasheet HTML 4Page - ON Semiconductor LV0104CS Datasheet HTML 5Page - ON Semiconductor LV0104CS Datasheet HTML 6Page - ON Semiconductor LV0104CS Datasheet HTML 7Page - ON Semiconductor LV0104CS Datasheet HTML 8Page - ON Semiconductor LV0104CS Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LV0104CS
www.onsemi.com
6
Bits D5 to D0
Description
ADJD
ADJ4
ADJ3
ADJ2
ADJ1
ADJ0
0
0
0
0
0
1
66.7%
·
·
·
·
·
·
·
·
·
·
·
·
0
0
1
0
1
0
95.2%
·
·
·
·
·
·
·
·
·
·
·
·
1
0
0
1
1
0
108.3%
·
·
·
·
·
·
·
·
·
·
·
·
1
0
0
0
0
1
150%
<Width of sensitivity adjustment>
66.7% to150% (ADJ5 to ADJ0=000001=66.7%, ADJ5 to ADJ0 = 100001 = 150%)
<Sensitivity Calculation>
 Decreasing Sensitivity (ADJ5=0)
Sn=16*ADJ4 + 8*ADJ3 + 4*ADJ2 + 2*ADJ1 + ADJ0
S=2*Sn / (2*Sn+1)
(Example) ADJ5 to ADJ0 = 001010, Sn=8+2=10, S=20/21=0.952. The sensitivity is 95.2%
 Increasing Sensitivity (ADJ5=1)
Sn =16*ADJ4 + 8*ADJ3 + 4*ADJ2 + 2*ADJ1 + ADJ0
S=(2*Sn+1) / 2*Sn
(Example) ADJ5 to ADJ0=100110, Sn=4+2=6, S=13/12=1.083. The sensitivity is 108.3%.
(4) Read data
Measurement result is registered to ADC channel data registers (DH,DL) in below format.
D15
D14
D13
D12
D11
D10
D9
D8
DH (Data Higher byte)
DH7(2
15)
DH6(2
14)
DH5(2
13)
DH4(2
12)
DH3(2
11)
DH2(2
10)
DH1(2
9)
DH0(2
8)
D7
D6
D5
D4
D3
D2
D1
D0
DL (Data Lower byte)
DL7(2
7)
DL6(2
6)
DL5(2
5)
DL4(2
4)
DL3(2
3)
DL2(2
2)
DL1(2
1)
DL0(2
0)
 Lux calculation
(Example)
DH = “0010_0100” (DH5, DH2 = 1)
DL = “1000_0001” (DL7, DL0 = 1)
2
13(8192) + 210(1024) + 27(128) + 20(1) = 9345[lx]


Similar Part No. - LV0104CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
   Digital Ambient Light Sensor
More results

Similar Description - LV0104CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
AMI SEMICONDUCTOR
AMIS-749803 AMI-AMIS-749803 Datasheet
462Kb / 15P
   (I2C) Ambient Light Sensor
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2023
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com