Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2314 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF2314
Description  20V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2314 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF2314_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2314_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2314_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2314_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.0
SSF2314
20V N-Channel MOSFET
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
0.65
1.2
V
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=4.5A
33
40
VGS=4.5V, ID=5A
27
33
Forward Transconductance
gFS
VDS=10V,ID=5A
10
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
500
PF
Output Capacitance
Coss
300
PF
Reverse Transfer Capacitance
Crss
VDS=8V,VGS=0V,
F=1.0MHz
140
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
20
40
nS
Turn-on Rise Time
tr
18
40
nS
Turn-Off Delay Time
td(off)
60
108
nS
Turn-Off Fall Time
tf
VDD=10V,ID=1A
VGS=4.5V,RGEN=6Ω
28
56
nS
Total Gate Charge
Qg
10
15
nC
Gate-Source Charge
Qgs
2.3
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=5A,VGS=4.5V
2.9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1A
1.2
V
Diode Forward Current (Note 2)
IS
1
A
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - SSF2314_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2314 SILIKRON-SSF2314 Datasheet
234Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF2314 GOOD-ARK-SSF2314 Datasheet
333Kb / 4P
   20V N-Channel MOSFET
More results

Similar Description - SSF2314_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com