Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8117B-28CDT Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8117B-28CDT
Description  0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8117B-28CDT Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8117B-28CDT Datasheet HTML 1Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 2Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 3Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 4Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 5Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 6Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 7Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 8Page - Microsemi Corporation LX8117B-28CDT Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0.8, 1 & 1.2A L OW DROPOUT POSITIVE REGULATORS
LX8117-xx/8117A-xx/8117B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.4
3/99
8
P RODUCTION D ATA S HEET
APPLICA TION NOTES
THERMAL CONSIDERATIONS (continued)
Example
Given: V
IN = 5.0V ±5%, VOUT = 2.5V ±3%
I
OUT = 0.5A, TA = 55°C, TJ = 125°C
Rθ
JT = 15°C/W, R
θTS = 5°C/W
Find: The size of a square area of 1oz. copper circuit-
board trace-foil that will serve as a heatsink,
adequate to maintain the junction temperature of the
LX8117 in the ST (SOT-223) package within
specified limits.
Solution: The junction temperature is:
T
J = PD (R
θJT + RθCS + RθSA) + TA
where: P
D
Dissipated power.
Rθ
JT
≡ Thermal resistance from the junction to the
mounting tab of the package.
Rθ
TS ≡ Thermal resistance through the interface
between the IC and the surface on which
it is mounted.
Rθ
SA ≡ Thermal resistance from the mounting surface
of the heatsink to ambient.
T
S
≡ Heat sink temperature.
First, find the maximum allowable thermal resistance of the
heat sink:
P
D
=
[[V
IN * (1 + TolVIN )] - [VOUT * (1 - TolVOUT)]] * IOUT
P
D
= 1.4W
Rθ
SA =
- (Rθ
JT + R
θTS) ,
Rθ
SA = 29.6°C/W
A test was conducted to determine the thermal characteristics of
1 oz. copper circuit-board trace material. The following equation
describes the observed relationship between the area of a square
copper pad, and the thermal resistance from the tab of a SOT-223
package soldered at the center of the pad to ambient.
Area
SINK =
in2
Substituting the value for Rθ
SA calculated above, we find that a
square pad with area:
Area
SINK = 0.43 in
2 (0.66" x 0.66"), 280mm2 (17 x 17 mm)
will be required to maintain the LX8117 junction temperature
within specified limits.
T
J
T
C
T
S
T
A
Rq JT
Rq CS
Rq SA
T
J - TA
P
D
LOAD REGULATION (continued)
Even when the circuit is optimally configured, parasitic resistance
can be a significant source of error. A 100 mil (2.54 mm) wide PC
trace built from 1 oz. copper-clad circuit board material has a
parasitic resistance of about 5 milliohms per inch of its length at
room temperature. If a 3-terminal regulator used to supply 2.50 volts
is connected by 2 inches of this trace to a load which draws 5 amps
of current, a 50 millivolt drop will appear between the regulator and
the load. Even when the regulator output voltage is precisely
2.50 volts, the load will only see 2.45 volts, which is a 2% error. It
is important to keep the connection between the regulator output
pin and the load as short as possible, and to use wide traces or
heavy-gauge wire.
The minimum specified output capacitance for the regulator
should be located near the reglator package. If several capacitors
are used in parallel to construct the power system output capaci-
tance, any capacitors beyond the minimum needed to meet the
specified requirements of the regulator should be located near the
sections of the load that require rapidly-changing amounts of
current. Placing capacitors near the sources of load transients will
help ensure that power system transient response is not impaired
by the effects of trace impedance.
To maintain good load regulation, wide traces should be used on
the input side of the regulator, especially between the input
capacitors and the regulator. Input capacitor ESR must be small
enough that the voltage at the input pin does not drop below V
IN (MIN)
during transients.
V
IN (MIN) = VOUT + VDROPOUT (MAX)
where: V
IN (MIN)
the lowest allowable instantaneous
voltage at the input pin.
V
OUT
the designed output voltage for the
power supply system.
V
DROPOUT (MAX) the specified dropout voltage
for the installed regulator.
THERMAL CONSIDERATIONS
The LX8117 regulators have internal power and thermal limiting
circuitry designed to protect each device under overload conditions.
For continuous normal load conditions, however, maximum junc-
tion temperature ratings must not be exceeded. It is important to
give careful consideration to all sources of thermal resistance from
junction to ambient. This includes junction to case, case to heat sink
interface, and heat sink thermal resistance itself.
3.1°C/W
Rθ
SA - 22.3°C/W


Similar Part No. - LX8117B-28CDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117B-XXCDD MICROSEMI-LX8117B-XXCDD Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117B-XXCDT MICROSEMI-LX8117B-XXCDT Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117B-XXCST MICROSEMI-LX8117B-XXCST Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
More results

Similar Description - LX8117B-28CDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com